Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U1210 Arkusz danych(PDF) 11 Page - Keysight Technologies

Numer części U1210
Szczegółowy opis  Handheld Clamp Meters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1210 Arkusz danych(HTML) 11 Page - Keysight Technologies

Back Button U1210 Datasheet HTML 7Page - Keysight Technologies U1210 Datasheet HTML 8Page - Keysight Technologies U1210 Datasheet HTML 9Page - Keysight Technologies U1210 Datasheet HTML 10Page - Keysight Technologies U1210 Datasheet HTML 11Page - Keysight Technologies U1210 Datasheet HTML 12Page - Keysight Technologies U1210 Datasheet HTML 13Page - Keysight Technologies U1210 Datasheet HTML 14Page - Keysight Technologies U1210 Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Electrical Specifications for U1212A (continued)
Frequency (AC coupling)
Range
Resolution
Accuracy
Minimum frequency
99.99 Hz
0.01 Hz
0.2 % + 3
10 Hz
999.9 Hz
0.1 Hz
9.999 kHz
0.001 kHz
99.99 kHz
0.01 kHz
999.9 kHz
0.1 kHz
– Overload protection: 1000 V
Sensitivity
Frequency sensitivity
Range
Minimum sensitivity (R.M.S.)
Maximum input for specified accuracy of AC
40 Hz~2 kHz
10~40 Hz or 2~100 kHz
400 V
6 V
6 V
1000 V
20 V
30 V (< 10 kHz)
40 A
3 A (< 1 kHz)
3 A (< 1 kHz)
400 A
20 A (< 1 kHz)
20 A (< 1 kHz)
1000 A
50 A (1 kHz)
50 A (< 1 kHz)
11 | Keysight | U1210 Series Handheld Clamp Meters – Data Sheet


Podobny numer części - U1210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
U1210 HP-U1210 Datasheet
441Kb / 17P
   Agilent U1210 Series Handheld Clamp Meters
More results

Podobny opis - U1210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
U1210 HP-U1210 Datasheet
441Kb / 17P
   Agilent U1210 Series Handheld Clamp Meters
logo
Keysight Technologies
U1190 KEYSIGHT-U1190 Datasheet
227Kb / 12P
   Clamp Meters
logo
ASM GmbH
9290-10 ASM-SENSOR-9290-10 Datasheet
104Kb / 1P
   Clamp Meters
logo
Extech Instruments Corp...
EX710 EXTECH-EX710 Datasheet
319Kb / 12P
   800 Amp Clamp Meters
logo
Keysight Technologies
U1731C KEYSIGHT-U1731C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
U1732C KEYSIGHT-U1732C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
U1733C KEYSIGHT-U1733C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
logo
B&K Precision Corporati...
878B BK-878B Datasheet
1Mb / 8P
   40,000-Count Dual-Display Handheld LCR Meters
logo
Extech Instruments Corp...
380941 EXTECH-380941_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com