Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U1230 Arkusz danych(PDF) 3 Page - Keysight Technologies

Numer części U1230
Szczegółowy opis  Digital Multimeters (DMMs)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1230 Arkusz danych(HTML) 3 Page - Keysight Technologies

  U1230 Datasheet HTML 1Page - Keysight Technologies U1230 Datasheet HTML 2Page - Keysight Technologies U1230 Datasheet HTML 3Page - Keysight Technologies U1230 Datasheet HTML 4Page - Keysight Technologies U1230 Datasheet HTML 5Page - Keysight Technologies U1230 Datasheet HTML 6Page - Keysight Technologies U1230 Datasheet HTML 7Page - Keysight Technologies U1230 Datasheet HTML 8Page - Keysight Technologies U1230 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Features
– Built-in LED flashlight to illuminate test area
– Flashing backlight as additional visual alert during
continuity tests in noisy environments
– Vsense to perform non-contact voltage detection
– Data logging capability (stores up to 10 readings)
– IR-to-USB connectivity to transfer data to PC for record
Ergonomically shaped with a built-in flashlight
Built for handheld users working in a poorly lit environment, the U1230 Series allows you
to single-handedly illuminate your test area while making measurements with its easily
activated built-in flashlight. Its ergonomic shape fits your hand, while the easily accessible
rotary dial allows selection of measurement functions.
Flashing backlight and beeping alert for continuity detection
The U1230 Series is built for continuity detection in dark and noisy environments. Its audible
beep and flashing backlight display provides increased visual and audio alert to indicate
continuity.
Non-contact voltage detection with Vsense
The Vsense, a unique feature found in the U1233A model performs non-contact voltage
detection. It delivers more safety while making measurements in dangerous working
environments by avoiding any contact with hot or live wires. Upon detection of voltage,
it produces a unique combination of beeping alert and blinking LED light to make
measurements more efficiently – especially in a dark or noisy environment.
03 | Keysight | U1230 Series Handheld Digital Multimeters (DMMs) - Data Sheet


Podobny numer części - U1230

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
U1230 HP-U1230 Datasheet
327Kb / 10P
   Handheld Digital Multimeter (DMM)
More results

Podobny opis - U1230

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
   Digital Multimeters
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
   Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
   Digital Multimeters
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
   Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
   Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
   Digital Multimeters
logo
Keysight Technologies
34460A KEYSIGHT-34460A Datasheet
3Mb / 23P
   Digital Multimeters
logo
TEKTRONIX, INC.
DMM4020 TEKTRONIX-DMM4020 Datasheet
864Kb / 12P
   Digital Multimeters
logo
Keysight Technologies
34461A KEYSIGHT-34461A Datasheet
3Mb / 23P
   Digital Multimeters
logo
Extech Instruments Corp...
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
   Digital Mini MultiMeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com