Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QVS212CG2R7CDHT Arkusz danych(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Numer części QVS212CG2R7CDHT
Szczegółowy opis  High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Strona internetowa  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

QVS212CG2R7CDHT Arkusz danych(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  QVS212CG2R7CDHT Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc QVS212CG2R7CDHT Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
16CUD09
RoHS compliance product
○QVS212CG2R7CDHT
250V 2012 CG/C0G 2.7pF +/- 0.25pF t=0.95mmMAX
250V 0805 CG/C0G 2.7pF +/- 0.25pF t=0.037inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
0.1
1
10
100
1000
500
1400
2300
3200
4100
5000
Frequency[MHz]
QVS212CG2R7CDHT
Ca pa cita nce Freq.
-10
-5
0
5
10
0
50
100
150
200
250
DC Bia s Volta ge[V]
QVS212CG2R7CDHT
DC Bia s Cha r.
0.01
0.1
1
10
100
1000
10000
500
1400
2300
3200
4100
5000
Frequency[MHz]
QVS212CG2R7CDHT
Impeda nce,ESR Freq.
ESR
Z
-10
-5
0
5
10
-55 -35 -15
5
25
45
65
85 105 125
Tempera ture[degreeC]
QVS212CG2R7CDHT
Ca pa cita nce Temp.


Podobny numer części - QVS212CG2R7CDHT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiyo Yuden (U.S.A.), I...
QVS212CG2R7CD8T TAIYO-YUDEN-QVS212CG2R7CD8T Datasheet
400Kb / 3P
   High Frequency Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
More results

Podobny opis - QVS212CG2R7CDHT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiyo Yuden (U.S.A.), I...
QVS107CG0R9CCHT TAIYO-YUDEN-QVS107CG0R9CCHT Datasheet
277Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS212CG0R5CDHT TAIYO-YUDEN-QVS212CG0R5CDHT Datasheet
278Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG220JCHT TAIYO-YUDEN-QVS107CG220JCHT Datasheet
283Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG1R8BCHT TAIYO-YUDEN-QVS107CG1R8BCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG3R3CCHT TAIYO-YUDEN-QVS107CG3R3CCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG030BCHT TAIYO-YUDEN-QVS107CG030BCHT Datasheet
285Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS212CG8R2CDHT TAIYO-YUDEN-QVS212CG8R2CDHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS212CG390JDHT TAIYO-YUDEN-QVS212CG390JDHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG0R9BCHT TAIYO-YUDEN-QVS107CG0R9BCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG101JCHT TAIYO-YUDEN-QVS107CG101JCHT Datasheet
283Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG1R1CCHT TAIYO-YUDEN-QVS107CG1R1CCHT Datasheet
278Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com