Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-SERIES Arkusz danych(PDF) 6 Page - Keysight Technologies

Numer części Z-SERIES
Szczegółowy opis  Infiniium Z-Series Oscilloscopes
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

Z-SERIES Arkusz danych(HTML) 6 Page - Keysight Technologies

Back Button Z-SERIES Datasheet HTML 2Page - Keysight Technologies Z-SERIES Datasheet HTML 3Page - Keysight Technologies Z-SERIES Datasheet HTML 4Page - Keysight Technologies Z-SERIES Datasheet HTML 5Page - Keysight Technologies Z-SERIES Datasheet HTML 6Page - Keysight Technologies Z-SERIES Datasheet HTML 7Page - Keysight Technologies Z-SERIES Datasheet HTML 8Page - Keysight Technologies Z-SERIES Datasheet HTML 9Page - Keysight Technologies Z-SERIES Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
06 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
The Optical Modulation Analyzer
Z-Series oscilloscopes are also available
in combination with the N4391A
optical modulation analyzer as a fully
specified turn-key instrument. This
compact solution offers the highest
bandwidth available on the market and
is the most advanced test solution for
advanced research on 400G and terabit
transmission. Even for the lower 20 GHz
bandwidth range, this compact and
easy-to-use solution is a reference system
for 100G transmission required by R&D
labs working at 100G and beyond. By
providing four channels of up to 63 GHz
bandwidth, the Z-Series saves you the
expense of a second instrument to analyze
dual polarization.
If you prefer to operate with your own
optical receivers but want to benefit from
the enormous analysis capability, you can
get the N4391A’s analysis software as a
standalone package.
Features and benefits
– Up to 63 GHz true analog
bandwidth on four channels by time
synchronizing two 2-channel, 63 GHz
scopes
– Up to 33 GHz true analog bandwidth
on four channels in one scope
– Up to 120 Gbaud symbol rate analysis
– Four times better EVM noise floor than
typical QPSK transmitter
– Compact four channels in turn-key
solution
– Up to four 160 GSa/s real-time
sampling for optimal phase tracking
– Well-defined interface to include your
own MATLAB algorithms
– Customer-configurable APSK and
OFDM decoders
The N4391A offers a powerful toolset to debug the most challenging errors, with tools proven by
thousands of RF engineers


Podobny numer części - Z-SERIES

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MTRONPTI
Z-SERIES MTRONPTI-Z-SERIES Datasheet
219Kb / 2P
   Surface Mount Bandpass Filter
logo
Keysight Technologies
Z-SERIES KEYSIGHT-Z-SERIES Datasheet
4Mb / 44P
   Infiniium Z-Series Oscilloscopes
Z-SERIES KEYSIGHT-Z-SERIES_17 Datasheet
4Mb / 44P
   Infiniium Z-Series Oscilloscopes
More results

Podobny opis - Z-SERIES

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ594A KEYSIGHT-DSAZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ334A KEYSIGHT-DSOZ334A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ504A KEYSIGHT-DSAZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ592A KEYSIGHT-DSAZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ592A KEYSIGHT-DSOZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ504A KEYSIGHT-DSOZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ634A KEYSIGHT-DSOZ634A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com