Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-SERIES Arkusz danych(PDF) 2 Page - Keysight Technologies

Numer części Z-SERIES
Szczegółowy opis  Infiniium Z-Series Oscilloscopes
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEYSIGHT [Keysight Technologies]
Strona internetowa  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

Z-SERIES Arkusz danych(HTML) 2 Page - Keysight Technologies

  Z-SERIES Datasheet HTML 1Page - Keysight Technologies Z-SERIES Datasheet HTML 2Page - Keysight Technologies Z-SERIES Datasheet HTML 3Page - Keysight Technologies Z-SERIES Datasheet HTML 4Page - Keysight Technologies Z-SERIES Datasheet HTML 5Page - Keysight Technologies Z-SERIES Datasheet HTML 6Page - Keysight Technologies Z-SERIES Datasheet HTML 7Page - Keysight Technologies Z-SERIES Datasheet HTML 8Page - Keysight Technologies Z-SERIES Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Introduction
Achieve new extremes
With the emergence of technologies pushing hundreds of Gb/s, an
oscilloscope must now have high bandwidth, low noise and fast
processing. That is the idea behind the Keysight Technologies,
Inc. Infiniium Z-Series oscilloscopes. They feature up to 63 GHz of
real-time oscilloscope bandwidth and the industry’s lowest noise
and jitter measurement floors.
Featuring
– 63 GHz of real-time oscilloscope bandwidth
– The industry’s only upgradable channel oscilloscope in a single
frame (from 2 to 4 channels)
– The industry’s lowest noise and jitter measurement floor
– The industry’s highest ENOB at bandwidths up to 63 GHz
– The industry’s deepest memory (up to 2 Gpts)
The Infiniium Z-Series captures rise times
as fast as 5 ps (20/80).
Bandwidth
Sample rate
Memory depth
1 channel
2 channel 4 channel
1 channel
2 channel
4 channel Standard
Maximum
DSAZ634A
63 GHz
63 GHz
33 GHz
160 GSa/s
160 GSa/s 80 GSa/s
100 Mpts
2 Gpts
DSOZ634A
50 Mpts
2 Gpts
DSAZ632A
63 GHz
33 GHz
160 GSa/s
80 GSa/s
100 Mpts
2 Gpts
DSOZ632A
50 Mpts
2 Gpts
DSAZ594A
59 GHz
59 GHz
33 GHz
160 GSa/s
160 GSa/s 80 GSa/s
100 Mpts
2 Gpts
DSOZ594A
50 Mpts
2 Gpts
DSAZ592A
59 GHz
33 GHz
160 GSa/s
80 GSa/s
100 Mpts
2 Gpts
DSOZ592A
50 Mpts
2 Gpts
DSAZ504A
50 GHz
50 GHz
33 GHz
160 GSa/s
160 GSa/s 80 GSa/s
100 Mpts
2 Gpts
DSOZ504A
50 Mpts
2 Gpts
DSAZ334A
33 GHz
33 GHz
33 GHz
80 GSa/s
80 GSa/s
80 GSa/s
100 Mpts
2 Gpts
DSOZ334A
50 Mpts
2 Gpts
DSAZ254A
25 GHz
25 GHz
25 GHz
80 GSa/s
80 GSa/s
80 GSa/s
100 Mpts
2 Gpts
DSOZ254A
50 Mpts
2 Gpts
DSAZ204A
20 GHz
20 GHz
20 GHz
80 GSa/s
80 GSa/s
80 GSa/s
100 Mpts
2 Gpts
DSOZ204A
50 Mpts
2 Gpts


Podobny numer części - Z-SERIES

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MTRONPTI
Z-SERIES MTRONPTI-Z-SERIES Datasheet
219Kb / 2P
   Surface Mount Bandpass Filter
logo
Keysight Technologies
Z-SERIES KEYSIGHT-Z-SERIES Datasheet
4Mb / 44P
   Infiniium Z-Series Oscilloscopes
Z-SERIES KEYSIGHT-Z-SERIES_17 Datasheet
4Mb / 44P
   Infiniium Z-Series Oscilloscopes
More results

Podobny opis - Z-SERIES

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ594A KEYSIGHT-DSAZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ334A KEYSIGHT-DSOZ334A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ504A KEYSIGHT-DSAZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ592A KEYSIGHT-DSAZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ592A KEYSIGHT-DSOZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ504A KEYSIGHT-DSOZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ634A KEYSIGHT-DSOZ634A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com