Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2EDN7524F Arkusz danych(PDF) 8 Page - Infineon Technologies AG

Numer części 2EDN7524F
Szczegółowy opis  Highly efficient SMPS enabled by 5 ns fast slew rates and 17 ns propagation delay precision for fast MOSFET and GaN switching
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDN7524F Arkusz danych(HTML) 8 Page - Infineon Technologies AG

Back Button 2EDN7524F_16 Datasheet HTML 4Page - Infineon Technologies AG 2EDN7524F_16 Datasheet HTML 5Page - Infineon Technologies AG 2EDN7524F_16 Datasheet HTML 6Page - Infineon Technologies AG 2EDN7524F_16 Datasheet HTML 7Page - Infineon Technologies AG 2EDN7524F_16 Datasheet HTML 8Page - Infineon Technologies AG 2EDN7524F_16 Datasheet HTML 9Page - Infineon Technologies AG 2EDN7524F_16 Datasheet HTML 10Page - Infineon Technologies AG 2EDN7524F_16 Datasheet HTML 11Page - Infineon Technologies AG 2EDN7524F_16 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Data Sheet
8
Revision2.3
2016-10-05
EiceDRIVER™
2EDN752x / 2EDN852x
Pin Configuration and Description
The pin configuration for direct input versions of 2EDN7524G and 2EDN7523G in the PG-WSON-8-1 package is
shown in Figure 3. Drawings can be viewed in Chapter 8 (PG-WSON-8-1).
Figure 3
Pin Configuration PG-WSON-8-1, Top View
Table 5
Pin Configuration 2EDN7524G and 2EDN7523G in the PG-WSON-8-1 Package
Pin Symbol Description
1
ENA
Enable input channel A
Logic input; if ENA is high or left open, OUTA is controlled by INA; ENA low causes OUTA low
2
INA
Input signal channel A
Logic input, controlling OUTA (non-inverting)
3GND
Ground1)
1)Exposed Pad of PG-WSON-8-1 packages has to be connected to GND pin.
4
INB
Input signal channel B
Logic input, controlling OUTB (non-inverting)
5
OUTB
Driver output channel B
Low-impedance output with source and sink capability
6
VDD
Positive supply voltage
Operating range 4.5 V/8.6V to 20 V
7
OUTA
Driver output channel A
Low-impedance output with source and sink capability
8
ENB
Enable input channel B
Logic Input; if ENB is high or left open, OUTB is controlled by INB; ENB low causes OUTB low
8
7
6
5
ENB
OUTA
VDD
OUTB
GND
ENA
INA
INB
2
3
4
1
Exposed
Pad


Podobny numer części - 2EDN7524F_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
2EDN7524F INFINEON-2EDN7524F_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
27. August 2015
More results

Podobny opis - 2EDN7524F_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
   500 ns maximum propagation delay
logo
Fairchild Semiconductor
MM74HC573WM FAIRCHILD-MM74HC573WM Datasheet
104Kb / 8P
   Typical propagation delay: 18 ns
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com