Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9122-EP Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD9122-EP
Szczegółowy opis  TxDAC Digital-to-Analog Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9122-EP Arkusz danych(HTML) 4 Page - Analog Devices

  AD9122-EP Datasheet HTML 1Page - Analog Devices AD9122-EP Datasheet HTML 2Page - Analog Devices AD9122-EP Datasheet HTML 3Page - Analog Devices AD9122-EP Datasheet HTML 4Page - Analog Devices AD9122-EP Datasheet HTML 5Page - Analog Devices AD9122-EP Datasheet HTML 6Page - Analog Devices AD9122-EP Datasheet HTML 7Page - Analog Devices AD9122-EP Datasheet HTML 8Page - Analog Devices AD9122-EP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD9122-EP
Enhanced Product
Rev. 0 | Page 4 of 12
SPECIFICATIONS
DC SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IFS = 20 mA, maximum sample rate, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ACCURACY
Differential Nonlinearity (DNL)
±2.1
LSB
Integral Nonlinearity (INL)
±3.7
LSB
MAIN DAC OUTPUTS
Offset Error
−0.001
0
+0.001
% FSR
Gain Error (with Internal Reference)
−4.6
±2
+4.6
% FSR
Full-Scale Output Current1
8.66
19.6
31.66
mA
Output Compliance Range
−1.0
+1.0
V
Power Supply Rejection Ratio, AVDD33
−0.3
+0.3
% FSR/V
Output Resistance
10
Gain DAC Monotonicity
Guaranteed
Settling Time to Within ±0.5 LSB
20
ns
MAIN DAC TEMPERATURE DRIFT
Offset
0.04
ppm/°C
Gain
100
ppm/°C
Reference Voltage
30
ppm/°C
REFERENCE
Internal Reference Voltage
1.2
V
Output Resistance
5
ANALOG SUPPLY VOLTAGES
AVDD33
3.13
3.3
3.47
V
CVDD18
1.71
1.8
1.89
V
DIGITAL SUPPLY VOLTAGES
DVDD18
1.71
1.8
1.89
V
IOVDD
1.71
1.8/3.3
3.47
V
POWER CONSUMPTION
2× Mode, f
DAC = 491.22 MSPS, IF = 10 MHz, PLL Off
834
mW
2× Mode, f
DAC = 491.22 MSPS, IF = 10 MHz, PLL On
913
mW
8× Mode, f
DAC = 800 MSPS, IF = 10 MHz, PLL Off
1135
1259
mW
AVDD33
55
57
mA
CVDD18
85
90
mA
DVDD18
444
505
mA
Power-Down Mode (Register 0x01 = 0xF0)
6.5
18.8
mW
POWER-UP TIME
260
ms
OPERATING RANGE
−55
+25
+105
°C
1 Based on a 10 kΩ external resistor between FSADJ and AVSS.


Podobny numer części - AD9122-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9122-M5372-EBZ AD-AD9122-M5372-EBZ Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9122-M5375-EBZ AD-AD9122-M5375-EBZ Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
More results

Podobny opis - AD9122-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9121 AD-AD9121 Datasheet
1Mb / 61P
   TxDAC Digital-to-Analog Converter
AD9146 AD-AD9146_12 Datasheet
914Kb / 56P
   TxDAC Digital-to-Analog Converter
AD9152 AD-AD9152 Datasheet
2Mb / 103P
   TxDAC Digital-to-Analog Converter
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com