Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9122SCPZ-EP Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9122SCPZ-EP
Szczegółowy opis  TxDAC Digital-to-Analog Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9122SCPZ-EP Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9122SCPZ-EP Datasheet HTML 4Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 5Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 6Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 7Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 8Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 9Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 10Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 11Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD9122-EP
Enhanced Product
Rev. 0 | Page 10 of 12
Pin No.
Mnemonic
Description
25
D8P
Data Bit 8, Positive.
26
D8N
Data Bit 8, Negative.
27
DCIP
Data Clock Input, Positive.
28
DCIN
Data Clock Input, Negative.
29
DVDD18
1.8 V Digital Supply. Supplies power to digital core and digital data ports.
30
DVSS
Digital Common.
31
D7P
Data Bit 7, Positive.
32
D7N
Data Bit 7, Negative.
33
D6P
Data Bit 6, Positive.
34
D6N
Data Bit 6, Negative.
35
D5P
Data Bit 5, Positive.
36
D5N
Data Bit 5, Negative.
37
D4P
Data Bit 4, Positive.
38
D4N
Data Bit 4, Negative.
39
D3P
Data Bit 3, Positive.
40
D3N
Data Bit 3, Negative.
41
D2P
Data Bit 2, Positive.
42
D2N
Data Bit 2, Negative.
43
DVDD18
1.8 V Digital Supply. Supplies power to digital core and digital data ports.
44
DVSS
Digital Common.
45
D1P
Data Bit 1, Positive.
46
D1N
Data Bit 1, Negative.
47
D0P
Data Bit 0 (LSB), Positive.
48
D0N
Data Bit 0 (LSB), Negative.
49
DVDD18
1.8 V Digital Supply. Supplies power to digital core and digital data ports.
50
SDO
Serial Port Data Output (CMOS Levels with Respect to IOVDD).
51
SDIO
Serial Port Data Input/Output (CMOS Levels with Respect to IOVDD).
52
SCLK
Serial Port Clock Input (CMOS Levels with Respect to IOVDD).
53
CS
Serial Port Chip Select, Active Low (CMOS Levels with Respect to IOVDD).
54
RESET
Reset, Active Low (CMOS Levels with Respect to IOVDD).
55
NC
No Connect. Do not connect to this pin.
56
AVSS
Analog Supply Common.
57
AVDD33
3.3 V Analog Supply.
58
IOUT2P
Q DAC Positive Current Output.
59
IOUT2N
Q DAC Negative Current Output.
60
AVDD33
3.3 V Analog Supply.
61
AVSS
Analog Supply Common.
62
REFIO
Voltage Reference. Nominally 1.2 V output. Should be decoupled to AVSS.
63
FSADJ
Full-Scale Current Output Adjust. Place a 10 kΩ resistor from this pin to AVSS.
64
AVSS
Analog Supply Common.
65
AVDD33
3.3 V Analog Supply.
66
IOUT1N
I DAC Negative Current Output.
67
IOUT1P
I DAC Positive Current Output.
68
AVDD33
3.3 V Analog Supply.
69
REFCLKN
PLL Reference Clock Input, Negative. This pin has a secondary function as a synchronization input.
70
REFCLKP
PLL Reference Clock Input, Positive. This pin has a secondary function as a synchronization input.
71
CVDD18
1.8 V Clock Supply. Supplies clock receivers, clock distribution, and PLL circuitry.
72
CVDD18
1.8 V Clock Supply. Supplies clock receivers, clock distribution, and PLL circuitry.
EPAD
The exposed pad (EPAD) must be soldered to the ground plane (AVSS). The EPAD provides an electrical,
thermal, and mechanical connection to the board.


Podobny numer części - AD9122SCPZ-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9122 AD-AD9122 Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9122 AD-AD9122 Datasheet
563Kb / 9P
   Interfacing the ADL5375 I/Q Modulator to the AD9122 Dual Channel, 1.2 GSPS High Speed DAC
REV. 0
AD9122 AD-AD9122 Datasheet
707Kb / 8P
   High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
REV. 0
AD9122-M5372-EBZ AD-AD9122-M5372-EBZ Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9122-M5375-EBZ AD-AD9122-M5375-EBZ Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
More results

Podobny opis - AD9122SCPZ-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9121 AD-AD9121 Datasheet
1Mb / 61P
   TxDAC Digital-to-Analog Converter
AD9146 AD-AD9146_12 Datasheet
914Kb / 56P
   TxDAC Digital-to-Analog Converter
AD9152 AD-AD9152 Datasheet
2Mb / 103P
   TxDAC Digital-to-Analog Converter
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com