Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9122SCPZ-EP Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9122SCPZ-EP
Szczegółowy opis  TxDAC Digital-to-Analog Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9122SCPZ-EP Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9122SCPZ-EP Datasheet HTML 4Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 5Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 6Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 7Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 8Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 9Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 10Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 11Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Enhanced Product
AD9122-EP
Rev. 0 | Page 11 of 12
Table 22A is unique to the AD9122-EP. Refer to the Digital Datapath section of the AD9122 data sheet for further information. All other
tables, which have been omitted, can be found in the AD9122 data sheet.
Table 22A. Summary of Data Rates and Bandwidths vs. Interpolation Modes (DVDD18, CVDD18 = 1.9 V ± 2%)
Filter Modes
Bus Width
HB3
HB2
HB1
f
BUS (Mbps)
f
DATA (Mbps)
Real Signal Bandwidth (MHz)
f
DAC (MHz)
Nibble (4 Bits)
0
0
0
1130
141.25
69
141.25
0
0
1
1130
141.25
55
282.5
0
1
0
1130
141.25
34.5
282.5
0
1
1
1130
141.25
55
565
1
1
0
1130
141.25
34.5
565
1
1
1
1130
141.25
55
1130
Byte (8 Bits)
0
0
0
1130
282.5
188
282.5
0
0
1
1130
282.5
110
565
0
1
0
1130
282.5
69
565
0
1
1
1130
282.5
110
1130
1
1
0
1130
282.5
69
1130
1
1
1
565
141.25
55
1130
Word (16 Bits)
0
0
0
1130
565
275
565
0
0
1
900
450
180
900
0
1
0
1130
565
138
1130
0
1
1
565
282.5
110
1130
1
1
0
565
282.5
69
1130
1
1
1
282.5
141.25
55
1130


Podobny numer części - AD9122SCPZ-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9122 AD-AD9122 Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9122 AD-AD9122 Datasheet
563Kb / 9P
   Interfacing the ADL5375 I/Q Modulator to the AD9122 Dual Channel, 1.2 GSPS High Speed DAC
REV. 0
AD9122 AD-AD9122 Datasheet
707Kb / 8P
   High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
REV. 0
AD9122-M5372-EBZ AD-AD9122-M5372-EBZ Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9122-M5375-EBZ AD-AD9122-M5375-EBZ Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
More results

Podobny opis - AD9122SCPZ-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9121 AD-AD9121 Datasheet
1Mb / 61P
   TxDAC Digital-to-Analog Converter
AD9146 AD-AD9146_12 Datasheet
914Kb / 56P
   TxDAC Digital-to-Analog Converter
AD9152 AD-AD9152 Datasheet
2Mb / 103P
   TxDAC Digital-to-Analog Converter
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com