Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9122SCPZ-EP-RL Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9122SCPZ-EP-RL
Szczegółowy opis  TxDAC Digital-to-Analog Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9122SCPZ-EP-RL Arkusz danych(HTML) 5 Page - Analog Devices

  AD9122SCPZ-EP-RL Datasheet HTML 1Page - Analog Devices AD9122SCPZ-EP-RL Datasheet HTML 2Page - Analog Devices AD9122SCPZ-EP-RL Datasheet HTML 3Page - Analog Devices AD9122SCPZ-EP-RL Datasheet HTML 4Page - Analog Devices AD9122SCPZ-EP-RL Datasheet HTML 5Page - Analog Devices AD9122SCPZ-EP-RL Datasheet HTML 6Page - Analog Devices AD9122SCPZ-EP-RL Datasheet HTML 7Page - Analog Devices AD9122SCPZ-EP-RL Datasheet HTML 8Page - Analog Devices AD9122SCPZ-EP-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Enhanced Product
AD9122-EP
Rev. 0 | Page 5 of 12
DIGITAL SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, IOVDD = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IFS = 20 mA, maximum sample rate, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CMOS INPUT LOGIC LEVEL
Input V
IN Logic High
IOVDD = 1.8 V
1.2
V
IOVDD = 2.5 V
1.6
V
IOVDD = 3.3 V
2.0
V
Input V
IN Logic Low
IOVDD = 1.8 V
0.6
V
IOVDD = 2.5 V, 3.3 V
0.8
V
CMOS OUTPUT LOGIC LEVEL
Output V
OUT Logic High
IOVDD = 1.8 V
1.4
V
IOVDD = 2.5 V
1.8
V
IOVDD = 3.3 V
2.4
V
Output V
OUT Logic Low
IOVDD = 1.8 V, 2.5 V, 3.3 V
0.4
V
LVDS RECEIVER INPUTS1
Applies to data, DCI, and FRAME inputs
Input Voltage Range, V
IA or VIB
825
1675
mV
Input Differential Threshold, V
IDTH
−100
+100
mV
Input Differential Hysteresis, V
IDTHH to
V
IDTHL
20
mV
Receiver Differential Input Impedance,
R
IN
80
120
Ω
LVDS Input Rate
See Table 5
DAC CLOCK INPUT (DACCLKP, DACCLKN)
Differential Peak-to-Peak Voltage
100
500
2000
mV
Common-Mode Voltage
Self-biased input, ac-coupled
1.25
V
Maximum Clock Rate
1230
MHz
REFCLK INPUT (REFCLKP, REFCLKN)
Differential Peak-to-Peak Voltage
100
500
2000
mV
Common-Mode Voltage
1.25
V
REFCLK Frequency (PLL Mode)
1 GHz ≤ f
VCO ≤ 2.1 GHz
15.625
600
MHz
REFCLK Frequency (SYNC Mode)
See the Multichip Synchronization section of the AD9122 data
sheet for conditions
0
600
MHz
SERIAL PORT INTERFACE
Maximum Clock Rate (SCLK)
40
MHz
Minimum Pulse Width High (t
PWH)
12.5
ns
Minimum Pulse Width Low (t
PWL)
12.5
ns
Setup Time, SDIO to SCLK (t
DS)
2.1
ns
Hold Time, SDIO to SCLK (t
DH)
0.75
ns
Data Valid, SDO to SCLK (t
DV)
2.85
ns
Setup Time, CS to SCLK (tDCSB)
1.4
ns
1 LVDS receiver is compliant with the IEEE 1596 reduced range link, unless otherwise noted.
DIGITAL INPUT DATA TIMING SPECIFICATIONS
Table 3.
Parameter
Value
Unit
LATENCY (DACCLK CYCLES)
1× Interpolation (With or Without Modulation)
64
Cycles
2× Interpolation (With or Without Modulation)
135
Cycles
4× Interpolation (With or Without Modulation)
292
Cycles
8× Interpolation (With or Without Modulation)
608
Cycles
Inverse Sinc
20
Cycles
Fine Modulation
8
Cycles


Podobny numer części - AD9122SCPZ-EP-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9122 AD-AD9122 Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9122 AD-AD9122 Datasheet
563Kb / 9P
   Interfacing the ADL5375 I/Q Modulator to the AD9122 Dual Channel, 1.2 GSPS High Speed DAC
REV. 0
AD9122 AD-AD9122 Datasheet
707Kb / 8P
   High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
REV. 0
AD9122-M5372-EBZ AD-AD9122-M5372-EBZ Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9122-M5375-EBZ AD-AD9122-M5375-EBZ Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
More results

Podobny opis - AD9122SCPZ-EP-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9121 AD-AD9121 Datasheet
1Mb / 61P
   TxDAC Digital-to-Analog Converter
AD9146 AD-AD9146_12 Datasheet
914Kb / 56P
   TxDAC Digital-to-Analog Converter
AD9152 AD-AD9152 Datasheet
2Mb / 103P
   TxDAC Digital-to-Analog Converter
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com