Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP7158CP-3.3EVALZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADP7158CP-3.3EVALZ
Szczegółowy opis  High PSRR, RF Linear Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP7158CP-3.3EVALZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADP7158CP-3.3EVALZ Datasheet HTML 3Page - Analog Devices ADP7158CP-3.3EVALZ Datasheet HTML 4Page - Analog Devices ADP7158CP-3.3EVALZ Datasheet HTML 5Page - Analog Devices ADP7158CP-3.3EVALZ Datasheet HTML 6Page - Analog Devices ADP7158CP-3.3EVALZ Datasheet HTML 7Page - Analog Devices ADP7158CP-3.3EVALZ Datasheet HTML 8Page - Analog Devices ADP7158CP-3.3EVALZ Datasheet HTML 9Page - Analog Devices ADP7158CP-3.3EVALZ Datasheet HTML 10Page - Analog Devices ADP7158CP-3.3EVALZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ADP7158
Data Sheet
Rev. A | Page 6 of 22
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
VOUT
NOTES
1. THE EXPOSED PAD IS LOCATED ON THE BOTTOM OF
THE PACKAGE. THE EXPOSED PAD ENHANCES THERMAL
PERFORMACE, AND IT IS ELECTRICALLY CONNECTED TO
GROUND INSIDE THE PACKAGE. CONNECT THE EXPOSED
PAD TO THE GROUND PLANE ON THE BOARD TO ENSURE
PROPER OPERATION.
2
VOUT
3
VOUT_SENSE
4
BYP
5
EN
10 VIN
9VIN
8VREG
7REF
6 REF_SENSE
ADP7158
TOP VIEW
(Not to Scale)
Figure 3. 10-Lead LFCSP Pin Configuration
NOTES
1. THE EXPOSED PAD IS LOCATED ON THE BOTTOM OF
THE PACKAGE. THE EXPOSED PAD ENHANCES THERMAL
PERFORMACE, AND IT IS ELECTRICALLY CONNECTED TO
GROUND INSIDE THE PACKAGE. CONNECT THE EXPOSED
PAD TO THE GROUND PLANE ON THE BOARD TO ENSURE
PROPER OPERATION.
VOUT
VOUT_SENSE
BYP
EN
1
2
3
4
VIN
VREG
REF
REF_SENSE
8
7
6
5
ADP7158
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead SOIC Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
LFCSP
SOIC
Mnemonic
Description
1, 2
1
VOUT
Regulated Output Voltage. Bypass VOUT to ground with a 10 μF or greater capacitor.
3
2
VOUT_SENSE
Output Sense. VOUT_SENSE is internally connected to VOUT with a 10 Ω resistor. Connect
VOUT_SENSE as close to the load as possible.
4
3
BYP
Low Noise Bypass Capacitor. Connect a 1 μF capacitor from the BYP pin to ground to reduce noise.
Do not connect a load to this pin.
5
4
EN
Enable. Drive EN high to turn on the regulator; drive EN low to turn off the regulator. For automatic
startup, connect EN to VIN.
6
5
REF_SENSE
Reference Sense. Connect REF_SENSE to the REF pin. Do not connect REF_SENSE to VOUT or
ground.
7
6
REF
Low Noise Reference Voltage Output. Bypass REF to ground with a 1 μF or greater capacitor. Short
REF_SENSE to REF for fixed output voltages. Do not connect a load to this pin.
8
7
VREG
Regulated Input Supply Voltage to Low Dropout (LDO) Amplifier. Bypass VREG to ground with a
1 μF or greater capacitor.
9, 10
8
VIN
Regulator Input Supply Voltage. Bypass VIN to ground with a 10 μF or greater capacitor.
EP
Exposed Pad. The exposed pad is located on the bottom of the package. The exposed pad
enhances thermal performance, and it is electrically connected to ground inside the package.
Connect the exposed pad to the ground plane on the board to ensure proper operation.


Podobny numer części - ADP7158CP-3.3EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP7158 AD-ADP7158 Datasheet
840Kb / 23P
   High PSRR, RF Linear Regulator
ADP7158 AD-ADP7158 Datasheet
1Mb / 24P
   High PSRR, RF Linear Regulator
More results

Podobny opis - ADP7158CP-3.3EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP7156 AD-ADP7156 Datasheet
840Kb / 23P
   High PSRR, RF Linear Regulator
ADP7157 AD-ADP7157 Datasheet
1Mb / 24P
   High PSRR, RF Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM5633B HMSEMI-HM5633B Datasheet
2Mb / 10P
   High PSRR linear regulator
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A_16 Datasheet
109Kb / 10P
   High PSRR Linear Regulator
December, 2014 ??Rev. 2
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
Analog Devices
ADM7155 AD-ADM7155 Datasheet
739Kb / 24P
   600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
ADM7154 AD-ADM7154 Datasheet
782Kb / 23P
   600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
   300mA High PSRR, Linear Regulator
VER 1.1
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
   300mA High PSRR, Linear Regulator
VER 1.3
logo
Analog Devices
ADM7150 AD-ADM7150 Datasheet
801Kb / 24P
   800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com