Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST16C650ACJ44 Arkusz danych(PDF) 5 Page - Exar Corporation

Numer części ST16C650ACJ44
Szczegółowy opis  2.90V TO 5.5V UART WITH 32-BYTE FIFO
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C650ACJ44 Arkusz danych(HTML) 5 Page - Exar Corporation

  ST16C650ACJ44 Datasheet HTML 1Page - Exar Corporation ST16C650ACJ44 Datasheet HTML 2Page - Exar Corporation ST16C650ACJ44 Datasheet HTML 3Page - Exar Corporation ST16C650ACJ44 Datasheet HTML 4Page - Exar Corporation ST16C650ACJ44 Datasheet HTML 5Page - Exar Corporation ST16C650ACJ44 Datasheet HTML 6Page - Exar Corporation ST16C650ACJ44 Datasheet HTML 7Page - Exar Corporation ST16C650ACJ44 Datasheet HTML 8Page - Exar Corporation ST16C650ACJ44 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
áç
áç
áç
áç
ST16C650A
REV. 5.0.0
2.90V TO 5.5V UART WITH 32-BYTE FIFO
5
AEN#
-
28
24
I
Address Enable input (active low)
When AEN# transition to logic 0, it decodes and validates COM 1-4 ports
address per S1, S2 and S3 inputs.
S1
S2
S3
-
-
-
23
10
35
21
5
31
I
Select 1 to 3
These are the standard PC COM 1-4 ports and IRQ selection inputs. See
Table 1 and Table 3 for details. The S1 pin has an internal 100k
Ω pull-up
resistor.
IRQA
IRQB
IRQC
-
-
-
33
32
27
30
29
23
O
Interrupt Request A, B and C Outputs (active high, tri-state)
These are the interrupt outputs associated with COM 1-4 to be connected
to the host data bus. See interrupt section for details. The Interrupt
Requests A, B or C functions as IRQx to the PC bus. IRQx is enabled by
setting MCR bit-3 to logic 1 and the desired interrupt(s) in the interrupt
enable register (IER).
LPT1#
-
17
12
O
Line Printer Port-1 Decode Logic Output (active low)
This pin functions as the PC standard LPT-1 printer port address decode
logic output, see
Table 1. The baud rate generator clock output, BAUD-
OUT#, is internally connected to the RCLK input in the PC mode.
LPT2#
-
26
22
O
Line Printer Port-2 Decode Logic Output (active low)
This pin functions as the PC standard LPT-2 printer port address decode
logic output, see
Table 1.
MODEM OR SERIAL I/O INTERFACE
TX
11
13
8
O
Transmit Data or wireless infrared transmit data
This output is active low in normal standard serial interface operation (RS-
232, RS-422 or RS-485) and active high in the infrared mode. Infrared
mode can be enabled by connecting pin ENIR to VCC or through software
setting after power up.
RX
10
11
7
I
Receive Data or wireless infrared receive data
Normal received data input idles at logic 1 condition and logic 0 in the
infrared mode. The wireless infrared pulses are applied to the decoder.
This input must be connected to its idle logic state in either normal, logic 1,
or infrared mode, logic 0, else the receiver may report “receive break” and/
or “error” condition(s).
RTS#
32
36
32
O
Request to Send or general purpose output (active low)
This port may be used for one of two functions:
1) automatic hardware flow control, see EFR bit-6, MCR bit-1and IER bit-
6.
2) RS485 half-duplex direction control, see XFR bits 2 and 5.
RTS# output must be asserted before auto RTS flow control can start.
CTS#
36
40
38
I
Clear to Send or general purpose input (active low)
If used for automatic hardware flow control, data transmission will be
stopped when this pin is de-asserted and will resume when this pin is
asserted again. See EFR bit-7 and IER bit-7.
DTR#
33
37
33
O
Data Terminal Ready or general purpose output (active low)
DSR#
37
41
39
I
Data Set Ready input or general purpose input (active low)
NAME
40-
PDIP
PIN #
44-
PLCC
PIN #
48-
TQFP
PIN #
TYPE
DESCRIPTION


Podobny numer części - ST16C650ACJ44

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C650ACJ44 EXAR-ST16C650ACJ44 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650ACJ44 EXAR-ST16C650ACJ44 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
More results

Podobny opis - ST16C650ACJ44

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C650A_0508 EXAR-ST16C650A_0508 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650A EXAR-ST16C650A_09 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com