Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADPD2214ACPZ-RL Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADPD2214ACPZ-RL
Szczegółowy opis  Low Noise, High Sensitivity Optical Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADPD2214ACPZ-RL Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADPD2214ACPZ-RL Datasheet HTML 6Page - Analog Devices ADPD2214ACPZ-RL Datasheet HTML 7Page - Analog Devices ADPD2214ACPZ-RL Datasheet HTML 8Page - Analog Devices ADPD2214ACPZ-RL Datasheet HTML 9Page - Analog Devices ADPD2214ACPZ-RL Datasheet HTML 10Page - Analog Devices ADPD2214ACPZ-RL Datasheet HTML 11Page - Analog Devices ADPD2214ACPZ-RL Datasheet HTML 12Page - Analog Devices ADPD2214ACPZ-RL Datasheet HTML 13Page - Analog Devices ADPD2214ACPZ-RL Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ADPD2214
Data Sheet
Rev. 0 | Page 10 of 13
APPLICATIONS INFORMATION
The current output of the ADPD2214 provides flexibility in
interfacing to external circuitry.
POWERING THE DEVICE
The ADPD2214 is powered from a single positive 1.8 V to 5.0 V
supply. The ADPD2214 features high PSRR, but proper circuit
layout and bypassing is recommended to provide maximum
sensitivity, especially in situations where the ADPD2214 may share
reference nodes with transmitters in pulse mode applications.
Above the quiescent current of the integrated current amplifier,
there is a linear relationship to incident light as the current
amplifier amplifies the photodiode output by a factor of 24. In
typical battery-powered operation, the output of the source
LEDs is dynamically reduced to save power based on the
received signal strength of the photosensor. The extremely low
noise floor of the ADPD2214 provides very high SNR, allowing
accurate signal extraction with minimal source power and at
low incident optical power.
POWER-DOWN
The ADPD2214 is optimized for battery-powered operation by
the inclusion of an extremely low power standby mode that can
be quickly switched to provide ultralow power consumption
during dark periods in pulsed or mode locked applications,
where the light source is cycled to improve ambient light
rejection and reduce transmitter power consumption. The
power-down pin is not internally pulled up or down, and must
be connected to an external logic level for proper operation of
the ADPD2214.
PULSE MODE OPERATION
The ADPD2214 is optimized for battery-powered operation by
the inclusion of a power-down pin (PWDN). When sensing is
inactive, the ADPD2214 can be quickly switched into standby
mode, reducing the supply current to 1 µA during dark periods
for pulsed or mode locked applications, where the light source
is cycled to improve ambient light rejection and reduce
transmitter power consumption.
For multiple wavelength systems, sequentially pulsing the optical
emitters removes the need for multiple narrow bandwidth sensors.
For both multiple wavelength (SpO2) and single wavelength
(heart rate monitoring) systems, pulsed operation can provide
significant power savings for battery-powered systems. Pulsed
mode operation provides a calibration signal that is necessary to
compensate for ambient light diffused throughout the tissue,
which can be extracted by measuring the sensor output while
the system emitters are off. Advanced algorithms can then
extract the signal of interest from dc offsets, noise, and
interferer signals such as motion artifacts.
OUTPUT CONFIGURATION
The output of the ADPD2214 allows different configurations
depending on the application. The current gain of the ADPD2214
reduces the effect of surrounding interferers but, for best perfor-
mance, careful design and layout is still necessary to achieve the
best performance. The effect of capacitance on the output must
be considered carefully regardless of configuration as bandwidth
and response time of the system can be limited simply by the
time required to charge and discharge parasitics.
Because theADPD2214 is effectively a current source, the
ADPD2214 output voltage drifts up to its compliance voltage,
approximately 1.2 V below VCC, when connected to an interface
that presents a high impedance. The rate of this drift is dependent
on the ADPD2214 output current, parasitic capacitance, and the
impedance of the load. This drift can require additional settling
time in circuits following the ADPD2214 if they are actively
multiplexing the output of the ADPD2214 or presenting a high
impedance due to power cycling. For multiplexed systems, a
current steering architecture may offer a performance advantage
over a break-before-make switch matrix.
3-WIRE CABLE VOLTAGE CONFIGURATION
The ADPD2214 can be used in a minimal 3-wire voltage
configuration, offering a compact solution with very few
components (see Figure 11). A shunt resistor (RS) sets the
transimpedance gain in front of the analog-to-digital converter
(ADC). This configuration allows flexibility in matching the
ADC converter full-scale input to the full-scale output of the
ADPD2214. The dynamic range of the interface is limited to
the compliance voltage of the ADPD2214.
No additional amplification is needed prior to the ADC. Response
time at the lower end of the range is limited by the ability of the
output current to charge the parasitic capacitance presented to
the output of the ADPD2214.
3-WIRE CURRENT MODE CONFIGURATION
When used in the 3-wire current mode configuration with a
photodiode (see Figure 12), the ADPD2214 is insensitive to load
resistance and can be used when the signal processing is further
from the sensor. EMI noise and shielding requirements are
minimized; however, cable capacitance has a direct effect on
bandwidth, making the 3-wire current mode configuration a
better choice for unshielded interfaces. The feedback capacitance
(CF) value must be chosen carefully to eliminate stability and
bandwidth degradation of the ADPD2214. Large capacitance
around the feedback loop of the TIA has a direct effect on the
bandwidth of the system.


Podobny numer części - ADPD2214ACPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADPD2210 AD-ADPD2210 Datasheet
448Kb / 16P
   Ultralow noise, low power current amplifier
ADPD2210ACPZ-R7 AD-ADPD2210ACPZ-R7 Datasheet
448Kb / 16P
   Ultralow noise, low power current amplifier
ADPD2210ACPZ-RL AD-ADPD2210ACPZ-RL Datasheet
448Kb / 16P
   Ultralow noise, low power current amplifier
ADPD2211 AD-ADPD2211 Datasheet
476Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
ADPD2211ACPZ-R7 AD-ADPD2211ACPZ-R7 Datasheet
476Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
More results

Podobny opis - ADPD2214ACPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADPD2211 AD-ADPD2211 Datasheet
476Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
ADPD2212 AD-ADPD2212 Datasheet
487Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
logo
MultiDimension Technolo...
TMR9082 MULTIDIMENSION-TMR9082 Datasheet
748Kb / 7P
   High sensitivity, Low Noise TMR Magnetic Linear Sensor
Version 1.0
TMR9002 MULTIDIMENSION-TMR9002 Datasheet
720Kb / 5P
   Ultra High Sensitivity,Ultra Low Noise TMR linear sensor
V1.0a
TMR9001 MULTIDIMENSION-TMR9001 Datasheet
645Kb / 5P
   Ultra High Sensitivity,Ultra Low Noise TMR linear sensor
V1.0a
logo
Roithner LaserTechnik G...
OP-2 ROITHNER-OP-2 Datasheet
147Kb / 2P
   High-Sensitivity Optical Power Sensors
logo
TAITIEN ELECTRONICS CO....
XO-0171-VLEU TAITIEN-XO-0171-VLEU Datasheet
285Kb / 3P
   High Frequency Very Low Noise/Low g-Sensitivity VCXO
logo
Sharp Corporation
GP2U06 SHARP-GP2U06 Datasheet
18Kb / 2P
   High Sensitivity Dust Sensor
logo
Hamamatsu Corporation
R7518 HAMAMATSU-R7518 Datasheet
196Kb / 4P
   PHOTOMULTIPLIER TUBES High Sensitivity with Low Noise Photocathode
logo
TAITIEN ELECTRONICS CO....
NA-100M-6800 TAITIEN-NA-100M-6800 Datasheet
466Kb / 4P
   100MHz Low Noise/Low G-Sensitivity OCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com