Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC12080 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC12080
Szczegółowy opis  1.1 GHz Prescaler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC12080 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC12080 Datasheet HTML 1Page - ON Semiconductor MC12080 Datasheet HTML 2Page - ON Semiconductor MC12080 Datasheet HTML 3Page - ON Semiconductor MC12080 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 7
1
Publication Order Number:
MC12080/D
MC12080
1.1 GHz Prescaler
Description
The MC12080 is a single modulus divide by 10, 20, 40, 80 prescaler
for low power frequency division of a 1.1 GHz high frequency input
signal. Divide ratio control inputs SW1, SW2 and SW3 select the
required divide ratio of
÷10, ÷20, ÷40, or ÷80.
An external load resistor is required to terminate the output. An
820
W resistor is recommended to achieve a 1.2 Vpp output swing,
when dividing a 1.1 GHz input signal by the minimum divide by ratio
of 10, assuming a 8.0 pF load. Output current can be minimized
dependent on conditions such as output frequency, capacitive load
being driven, and output voltage swing required. Typical values for
load resistors are included in the Vout specification for various divide
ratios at 1.1 GHz input frequency.
Features
1.1 GHz Toggle Frequency
Supply Voltage 4.5 to 5.5 V
Low Power 3.7 mA Typical at VCC = 5.0 V
Operating Temperature Range of −40 to 85°C
These Devices are Pb−Free and are RoHS Compliant
Table 1. MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage, Pin 2
VCC
−0.5 to 7.0
Vdc
Operating Temperature Range
TA
−40 to 85
°C
Storage Temperature Range
Tstg
−65 to 150
°C
Maximum Output Current, Pin 4
IO
10
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
Table 2. ATTRIBUTES
Characteristics
Value
ESD Protection
Human Body Model
Machine Model
> 1500 V
> 100 V
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0
@ 0.125 in
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
SOIC−8
D SUFFIX
CASE 751
PIN CONNECTIONS
MARKING
DIAGRAM
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
In
8
In
VCC
SW1
Out
SW3
SW2
GND
7
6
5
1
2
3
4
(Top View)
http://onsemi.com
1
8
12080
ALYW
G
1
8
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
FUNCTION TABLE
L
SW1
Divide Ratio
80
SW3
L
L
SW2
L40
H
L
L40
L
H
L20
H
H
H40
L
L
H20
H
L
H20
L
H
H10
H
H
NOTE: SW1, SW2 and SW3: H = VCC, L = Open.


Podobny numer części - MC12080

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC12080 ONSEMI-MC12080 Datasheet
42Kb / 4P
   1.1 GHz Prescaler High Frequency Input Signal
February, 2002 ??Rev. 5
MC12080 ONSEMI-MC12080 Datasheet
123Kb / 4P
   1.1 GHz Prescaler
January, 2006 ??Rev. 6
MC12080D ONSEMI-MC12080D Datasheet
42Kb / 4P
   1.1 GHz Prescaler High Frequency Input Signal
February, 2002 ??Rev. 5
MC12080D ONSEMI-MC12080D Datasheet
123Kb / 4P
   1.1 GHz Prescaler
January, 2006 ??Rev. 6
MC12080DG ONSEMI-MC12080DG Datasheet
123Kb / 4P
   1.1 GHz Prescaler
January, 2006 ??Rev. 6
More results

Podobny opis - MC12080

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC12080 ONSEMI-MC12080_06 Datasheet
123Kb / 4P
   1.1 GHz Prescaler
January, 2006 ??Rev. 6
logo
Infineon Technologies A...
PMB2313T INFINEON-PMB2313T Datasheet
685Kb / 20P
   Prescaler Circuit 1.1 GHz
V 1.2, December 2003
logo
Siemens Semiconductor G...
PMB2313T SIEMENS-PMB2313T Datasheet
218Kb / 19P
   Prescaler Circuit 1.1 GHz
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
TEMIC Semiconductors
U816BS-SP TEMIC-U816BS-SP Datasheet
69Kb / 5P
   1.1-GHz Prescaler for TV Tuners
logo
ON Semiconductor
MC12080 ONSEMI-MC12080 Datasheet
42Kb / 4P
   1.1 GHz Prescaler High Frequency Input Signal
February, 2002 ??Rev. 5
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com