Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC12093DR2G Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC12093DR2G
Szczegółowy opis  1.1 GHz Low Power Prescaler with Stand?륛y Mode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC12093DR2G Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC12093DR2G Datasheet HTML 1Page - ON Semiconductor MC12093DR2G Datasheet HTML 2Page - ON Semiconductor MC12093DR2G Datasheet HTML 3Page - ON Semiconductor MC12093DR2G Datasheet HTML 4Page - ON Semiconductor MC12093DR2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 8
1
Publication Order Number:
MC12093/D
MC12093
÷2, ÷4, ÷8 1.1 GHz Low
Power Prescaler with
Stand‐By Mode
Description
The MC12093 is a single modulus prescaler for low power
frequency division of a 1.1 GHz high frequency input signal.
MOSAIC V
™ technology is utilized to achieve low power dissipation
of 6.75 mW at a minimum supply voltage of 2.7 V.
On-chip output termination provides output current to drive a 2.0 pF
(typical) high impedance load. If additional drive is required for the
prescaler output, an external resistor can be added parallel from the
OUT pin to GND to increase the output power. Care must be taken not
to exceed the maximum allowable current through the output.
Divide ratio control inputs SW1 and SW2 select the required divide
ratio of
÷2, ÷4, or ÷8.
Stand-By mode is featured to reduce current drain to 50
mA typical
when the standby pin SB is switched LOW disabling the prescaler.
Features
1.1 GHz Toggle Frequency
Supply Voltage 2.7 V to 5.5 Vdc
Low Power 3.0 mA Typical
Operating Temperature = −40°C to 85°C
Divide by 2, 4 or 8 Selected by SW1 and SW2 Pins
On-Chip Termination
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
Table 1. FUNCTIONAL TABLE
SW
SW2
Divide Ratio
L
L
8
H
L
4
L
H
4
H
H
2
1. SW1 & SW2: H = (VCC − 0.5 V) to VCC; L = Open.
2. SB: H = 2.0 V to VCC, L = GND to 0.8 V.
Figure 1. Function Chart
IN
÷2
÷4
÷8
www.onsemi.com
SOIC−8 NB
D SUFFIX
CASE 751−07
PIN CONNECTIONS
MARKING DIAGRAM
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb-Free Package
IN
8
IN
VCC
SW2
OUT
SB
SW1
Gnd
7
6
5
1
2
3
4
(Top View)
A LOW on the Stand-By Pin 7 disables the device.
1
8
12093
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14
SOIC−8 NB
DFN8
ORDERING INFORMATION
Device
Package
Shipping
MC12093DG
SOIC−8 NB
(Pb-Free)
98 Units/Tube
MC12093DR2G
2500 Tape & Reel
DFN8
(Pb-Free)
MC12093MNR4G
1000 Tape & Reel
SOIC−8 NB
(Pb-Free)


Podobny numer części - MC12093DR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC12093DR2G ONSEMI-MC12093DR2G Datasheet
129Kb / 5P
   /2,/4,/8 1.1 GHz Low Power Prescaler with Stand?묪y Mode
January, 2006 ??Rev. 6
More results

Podobny opis - MC12093DR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC12093 ONSEMI-MC12093_06 Datasheet
129Kb / 5P
   /2,/4,/8 1.1 GHz Low Power Prescaler with Stand?묪y Mode
January, 2006 ??Rev. 6
logo
Motorola, Inc
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12095 ONSEMI-MC12095_06 Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
logo
Motorola, Inc
MC12095 MOTOROLA-MC12095 Datasheet
250Kb / 5P
   2.5 GHz Low Power Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12095 ONSEMI-MC12095 Datasheet
43Kb / 8P
   2.5 GHz Low Power Prescaler With Stand-By Mode
November, 2001 ??Rev. 5
MC12080 ONSEMI-MC12080_13 Datasheet
107Kb / 4P
   1.1 GHz Prescaler
May, 2013 ??Rev. 7
MC12080 ONSEMI-MC12080_06 Datasheet
123Kb / 4P
   1.1 GHz Prescaler
January, 2006 ??Rev. 6
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12058 MOTOROLA-MC12058 Datasheet
260Kb / 6P
   1.1 GHz Low Power Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com