Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

YSS912C Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części YSS912C
Szczegółowy opis  DOLBY DIGITAL (AC-3) / PRO LOGIC / DTS DECODER SUB DSP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

YSS912C Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button YSS912C Datasheet HTML 2Page - List of Unclassifed Manufacturers YSS912C Datasheet HTML 3Page - List of Unclassifed Manufacturers YSS912C Datasheet HTML 4Page - List of Unclassifed Manufacturers YSS912C Datasheet HTML 5Page - List of Unclassifed Manufacturers YSS912C Datasheet HTML 6Page - List of Unclassifed Manufacturers YSS912C Datasheet HTML 7Page - List of Unclassifed Manufacturers YSS912C Datasheet HTML 8Page - List of Unclassifed Manufacturers YSS912C Datasheet HTML 9Page - List of Unclassifed Manufacturers YSS912C Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
YSS912C
6
FUNCTION DESCRIPTION
The YSS912C consist of Main DSP section where AC-3/Pro Logic/DTS decoding is executed and Sub DSP
section where various sound field effects are added. Please refer to “BLOCK DIAGRAM” section.
Sub DSP is a 8 ch input / 8 ch output programmable DSP exclusively for the sound field processing. It can apply
such effects as virtual surround, echo and equalizing. In addition, with an SRAM up to 1Mbit connected, it can
produce reverberation for one second or longer. By using this function, it is possible to simulate various sound
fields such as a hall or a church.
* If adopting some technology owned by another company is desired for use in Sub DSP section, note that a separate
contract may be required between the owner of that technology and the user with respect to adoption of the
technology.
1. Clocks
XI, XO, CPO
The crystal oscillation circuit is formed by using XI and XO terminals.
Connect a crystal of 12.288 MHz between XI and XO terminals.
Connect an external analog filter between CPO terminal and Ground.
2. Data Interface
SDIA0, SDIA1, SDOA0-2, SDIB0-3, SDOB0-3, SDWCK0, SDBCK0,
SDWCK1, SDBCK1, /SDBCK0
Main DSP section
AC-3/PCM/DTS data should be fed from SDIA0 or SDIA1 terminal.
These signals are processed by AC-3/Pro Logic/DTS decoding procedure in Main DSP section and then
transmitted to Sub DSP section as well as outputted through SDOA0-2 terminals.
Sub DSP section
In Sub DSP section, various types of processing can be applied to the PCM data decoded in Main DSP section or
inputted through SDIB0-3 terminals. Then, processed signals are outputted from each of SDOB0-3 terminals.
Following parameters can be selected by changing the control register setting.
. Selection of Main DSP input signal (SDIA0, SDIA1)
. Selection of Sub DSP input signal (Main DSP output, SDIB0-3 input)
. Polarity of bit clock and word clock
. Format and bit count of input/output data
For more information on the format of the input/output data, please refer to “Serial Data Interface” section.
3. Microprocessor Interface
/CS, /CSB, SCK, SI, SO
The control registers can be read/written via the serial microprocessor interface by using /CS, SCK, SI, and SO
terminals.
Please refer to the following format diagram for the details of read/write timing.


Podobny numer części - YSS912C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
YAMAHA CORPORATION
YSS915 YAMAHA-YSS915 Datasheet
820Kb / 32P
   Karaoke Processor 2 for Video disc player
More results

Podobny opis - YSS912C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
YAMAHA CORPORATION
YSS902 YAMAHA-YSS902 Datasheet
597Kb / 12P
   Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
YSS932 YAMAHA-YSS932 Datasheet
403Kb / 23P
   96kHz DIR Dolby Digital / Pro Logic II / DTS decoder Sub DSP
logo
List of Unclassifed Man...
YSS248 ETC-YSS248 Datasheet
1Mb / 12P
   DOLBY AC-3 PRO LOGIC DECODER
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJU26203A NJRC-NJU26203A Datasheet
215Kb / 11P
   Dolby Pro Logic II Decoder
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com