Zakładka z wyszukiwarką danych komponentów |
|
MJWI20-24S15 Arkusz danych(PDF) 2 Page - Total Power International |
|
MJWI20-24S15 Arkusz danych(HTML) 2 Page - Total Power International |
2 / 9 page MJWI20 SERIES DC/DC CONVERTER 20W, Highest Power Density Output Specifications Parameter Conditions Min. Typ. Max. Unit Output Voltage Setting Accuracy At 50% Load and Nominal Vin --- --- ±1.0 %Vnom. Output Voltage Balance Dual Output, Balanced Loads --- --- ±2.0 % Single Output --- --- ±0.2 % Line Regulation Vin=Min. to Max. Dual Output --- --- ±0.5 % 3.3V & 5V --- --- ±0.5 % Single Output 12V,15V & 24V --- --- ±0.2 % Load Regulation Min. Load to Full Load Dual Output --- --- ±1.0 % Load Cross Regulation (Dual Output) Asymmetrical Load 25%/100% Full Load --- --- ±5.0 % Ripple & Noise (20MHz) 3.3V & 5V Models --- 75 --- mV P-P Ripple & Noise (20MHz) 12V & 15V Models --- 100 --- mV P-P Ripple & Noise (20MHz) 24V Models --- 150 --- mV P-P Ripple & Noise (20MHz) Dual Output Models --- 100 --- mV P-P Transient Recovery Time 25% Load Step Change --- 300 --- μsec Temperature Coefficient --- --- ±0.02 %/ ℃ Over Load Protection Current Limitation at 150% typ. of Iout max., Hiccup Short Circuit Protection Hiccup Automatic Recovery Over Voltage Protection For Shutdown Voltage see Model Selection Guide General Specifications Parameter Conditions Min. Typ. Max. Unit I/O Isolation Voltage (rated) 60 Seconds 1500 --- --- VDC I/O Isolation Resistance 500 VDC 1000 --- --- MΩ I/O Isolation Capacitance 100KHz, 1V --- --- 1500 pF Switching Frequency --- 330 --- KHz MTBF(calculated) MIL-HDBK-217F@25 ℃, Ground Benign 346,000 --- --- Hours Safety Approvals UL/cUL 60950-1 recognition(CSA certificate), IEC/EN 60950-1(CB-scheme) Input Fuse 24V Input Models 48V Input Models 5000mA Slow-Blow Type 2500mA Slow-Blow Type Remote On/Off Control Parameter Conditions Min. Typ. Max. Unit Converter On 3.5V ~ 12V or Open Circuit Converter Off 0V ~ 1.2V or Short Circuit Control Input Current (on) Vctrl = 5.0V --- --- 0.5 mA Control Input Current (off) Vctrl = 0V --- --- -0.5 mA Control Common Referenced to Negative Input Standby Input Current Supply Off & Nominal Vin --- 10 --- mA Output Voltage Trim Parameter Conditions Min. Typ. Max. Unit Trim Up / Down Range % of nominal output voltage ±10 --- --- % Total Power In Total Power International, Inc Toll Free: 877-646-0900 www.total-power.com Tota Total Power International, Inc. |
Podobny numer części - MJWI20-24S15 |
|
Podobny opis - MJWI20-24S15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |