Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UCS1003-3-BP Arkusz danych(PDF) 10 Page - Microchip Technology

Numer części UCS1003-3-BP
Szczegółowy opis  USB Port Power Controller with Charger Emulation
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3-BP Arkusz danych(HTML) 10 Page - Microchip Technology

Back Button UCS1003-3-BP Datasheet HTML 6Page - Microchip Technology UCS1003-3-BP Datasheet HTML 7Page - Microchip Technology UCS1003-3-BP Datasheet HTML 8Page - Microchip Technology UCS1003-3-BP Datasheet HTML 9Page - Microchip Technology UCS1003-3-BP Datasheet HTML 10Page - Microchip Technology UCS1003-3-BP Datasheet HTML 11Page - Microchip Technology UCS1003-3-BP Datasheet HTML 12Page - Microchip Technology UCS1003-3-BP Datasheet HTML 13Page - Microchip Technology UCS1003-3-BP Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 10
 2014-2015 Microchip Technology Inc.
Thermal Regulation Limit
TREG
110
°C
Die temperature at which
current limit will be reduced
Thermal Regulation
Hysteresis
TREG_HYST
10
°C
Hysteresis for tREG functionality;
temperature must drop by this
value before ILIM value is
restored to normal operation
Thermal Shutdown
Threshold
TTSD
135
°C
Die temperature at which port
power switch will turn off
Thermal Shutdown
Hysteresis
TTSD_HYST
35
°C
After shutdown, due to TTSD
being reached, die temperature
drop required before port power
switch can be turned on again
Auto-Recovery Test Current
ITEST
190
mA
Portable device attached,
VBUS = 0V, Die Temp < TTSD
Auto-Recovery Test Voltage
VTEST
750
mV
Portable device attached,
VBUS = 0V before application,
Die Temp < TTSD programmable
(UCS1003-1 only)
,
250-1000 mV, default listed
Discharge Impedance
RDISCHARGE
—100
Port Power Switch – AC Parameters
Turn-On Delay
tON_PSW
0.75
ms
PWR_EN active toggle to switch
on time, VBUS discharge is not
active
Turn-Off Time
tOFF_PSW_INA
0.75
ms
PWR_EN inactive toggle to
switch off time, CBUS = 120 μF
Turn-Off Time
tOFF_PSW_ERR
1
ms
Overcurrent error, VBUS min
error or discharge error to
switch off, CBUS = 120 μF
Turn-Off Time
tOFF_PSW_ERR
100
ns
TSD or backdrive error to switch
off, CBUS = 120 μF
VBUS Output Rise Time
tR_BUS
1.1
ms
Measured from 10% to 90% of
VBUS, CLOAD = 220 μF,
ILIM = 1.0A
Soft Turn-on Rate
IBUS/t
—100
mA/µs
Temperature Update Time
tDC_TEMP
200
ms
Programmable
(UCS1003-1 only)
200-1600 ms, default listed
TABLE 1-2:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V, VPULLUP = 3V to 5.5V,
TA = -40°C to +85°C; all Typical values at VDD = VS = 5V, TA = +27°C.
Characteristic
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1:
For split supply systems using the Attach Detection feature, VS must not exceed VDD +150 mV.
2:
This parameter is ensured by design and not 100% tested.
3:
This parameter is characterized, but not 100% production tested.
4:
The current measurement full-scale range maximum value is 3.0A. However, the UCS1003-1 cannot report
values above ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM 1.68A).
5:
The Min and Max values represent the boundaries of a programmable range for UCS1003-1 only. Each value
in the range is typical.


Podobny numer części - UCS1003-3-BP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
UCS1001 MICROCHIP-UCS1001 Datasheet
860Kb / 59P
   USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
UCS1001-1-BP-TR MICROCHIP-UCS1001-1-BP-TR Datasheet
860Kb / 59P
   USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
UCS1001-2-BP-TR MICROCHIP-UCS1001-2-BP-TR Datasheet
860Kb / 59P
   USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
UCS1001-3 MICROCHIP-UCS1001-3 Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
logo
SMSC Corporation
UCS1001-3 SMSC-UCS1001-3 Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
More results

Podobny opis - UCS1003-3-BP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
UCS1001-3 MICROCHIP-UCS1001-3 Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1001 MICROCHIP-UCS1001 Datasheet
860Kb / 59P
   USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
logo
SMSC Corporation
UCS1001-3 SMSC-UCS1001-3 Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
logo
Microchip Technology
UCS1002-2 MICROCHIP-UCS1002-2 Datasheet
1Mb / 114P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS81003 MICROCHIP-UCS81003 Datasheet
1Mb / 108P
   Automotive USB Port Power Controller with Charger Emulation
03/25/14
logo
SMSC Corporation
UCS1002-1 SMSC-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
logo
Microchip Technology
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
logo
SMSC Corporation
UCS1002-2 SMSC-UCS1002-2 Datasheet
1Mb / 114P
   Programmable USB Port Power Controller with Charger Emulation
logo
E-CMOS Corporation
EC49021AS E-CMOS-EC49021AS Datasheet
136Kb / 5P
   Dual/Single USB Charger Port Controller
logo
Shenzhen Huazhimei Semi...
HM2513 HMSEMI-HM2513 Datasheet
371Kb / 6P
   Dual/Single USB Charger Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com