Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM130120 Arkusz danych(PDF) 9 Page - Davicom Semiconductor, Inc.

Numer części DM130120
Szczegółowy opis  15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DAVICOM [Davicom Semiconductor, Inc.]
Strona internetowa  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM130120 Arkusz danych(HTML) 9 Page - Davicom Semiconductor, Inc.

Back Button DM130120 Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 13Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DM130120
15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
Preliminary
Doc No: DM130120-11-MCO-DS-P01
July 11, 2016
9
6
Function Description
6.1 Generate Hi-V Driving Bias Supply
6.1.1 Internal Charge Pump Supply
The charge pump circuit can generate Hi-voltage up to 30V. User also can select 0V, 15V or 30V to drive EPD
by setting control register.
The value of Hi-voltage that pump can generate as following.
VPP=30V, VX5=15V, VSS=0V, set register #10h bit5 VPP15=0
PP5
PM5
VX3
VX4
VX5
VPP
A0
A1
SCL
SDA
VSS
VDD
Power
0.1uF
0.01uF
0.01uF
0.01uF
0.01uF 0.01uF 0.01uF
0.1uF
DM130120
V1D5
0.1uF
VX2
0.1uF
PP4
PM4
PP3
PM3
PP2
PM2
PP1
PM1
LOGICEN
0.1uF
6.1.2 External Driving Bias Supply
External Hi-V power source supply to VPP & VX3. First, user need to turn off internal pump function then
supply 15V/30V to VPP , 5V to VX3
PP5
PM5
VX3
VX4
VX5
VPP
A0
A1
SCL
SDA
VSS
VDD
Power
0.01uF
0.1uF
DM130120
V1D5
VX2
PP4
PM4
PP3
PM3
PP2
PM2
PP1
PM1
15V/
30V
5V
External
supply
LOGICEN


Podobny numer części - DM130120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power-One
DM1301-7R POWER-ONE-DM1301-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
More results

Podobny opis - DM130120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Davicom Semiconductor, ...
DM130036 DAVICOM-DM130036 Datasheet
1Mb / 28P
   15V / 30V Selectable Output & 40 Hi-V Channels Driver IC
logo
Maxim Integrated Produc...
MAXM17537EVKIT MAXIM-MAXM17537EVKIT Datasheet
1,004Kb / 11P
   MAXM17537 15V Output
Rev 0; 10/19
logo
List of Unclassifed Man...
32R ETC2-32R Datasheet
247Kb / 7P
   Two output channels
logo
IXYS Corporation
MX860 IXYS-MX860 Datasheet
217Kb / 2P
   /-15V ePaper Source Driver
logo
Integrated Silicon Solu...
IS31FL3236 ISSI-IS31FL3236 Datasheet
575Kb / 15P
   36 CHANNELS LED DRIVER
logo
Agamem Microelectronic ...
AA7623SP AGAMEM-AA7623SP Datasheet
76Kb / 4P
   Three Channels Video Driver
logo
AMtek SEMICONDUCTORS CO...
AM1219S AMTEK-AM1219S Datasheet
614Kb / 13P
   Three Channels Power Driver
Sep. 2014 V1.0
logo
Integrated Silicon Solu...
IS31FL3218 ISSI-IS31FL3218 Datasheet
342Kb / 13P
   18 CHANNELS LED DRIVER
logo
AMtek SEMICONDUCTORS CO...
AM1217S AMTEK-AM1217S Datasheet
597Kb / 13P
   Three Channels Power Driver
Sep. 2014 V1.0
logo
Global Mixed-mode Techn...
G5968B GMT-G5968B Datasheet
109Kb / 2P
   8-Channels LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com