Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NE02107B Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części NE02107B
Szczegółowy opis  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

NE02107B Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button NE02107B Datasheet HTML 4Page - List of Unclassifed Manufacturers NE02107B Datasheet HTML 5Page - List of Unclassifed Manufacturers NE02107B Datasheet HTML 6Page - List of Unclassifed Manufacturers NE02107B Datasheet HTML 7Page - List of Unclassifed Manufacturers NE02107B Datasheet HTML 8Page - List of Unclassifed Manufacturers NE02107B Datasheet HTML 9Page - List of Unclassifed Manufacturers NE02107B Datasheet HTML 10Page - List of Unclassifed Manufacturers NE02107B Datasheet HTML 11Page - List of Unclassifed Manufacturers NE02107B Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NE021 SERIES
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
Coordinates in Ohms
Frequency in GHZ
(VCE = 10 V, IC = 20 mA)
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
NE02133
VCE = 10 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
100
.80
-37
13.53
150
.03
73
.91
-18
200
.63
-63
10.48
129
.04
59
.72
-29
500
.37
-114
5.56
99
.09
61
.48
-38
1000
.27
-158
3.02
76
.15
60
.40
-41
1500
.27
172
2.16
63
.21
63
.34
-49
2000
.29
151
1.74
49
.27
58
.31
-62
VCE = 10 V, IC = 10 mA
100
.66
-48
19.53
139
.02
79
.81
-27
200
.46
-78
13.52
118
.03
58
.58
-35
500
.27
-129
6.29
93
.09
67
.38
-36
1000
.21
-169
3.31
74
.16
66
.34
-40
1500
.23
165
2.35
62
.23
64
.29
-47
2000
.26
146
1.87
50
.29
59
.26
-62
VCE = 10 V, IC = 20 mA
100
.51
-61
19.37
129
.02
79
.70
-32
200
.33
-91
15.04
109
.03
64
.48
-35
500
.21
-143
6.57
89
.08
71
.33
-32
1000
.19
-177
3.41
72
.16
69
.32
-37
1500
.21
160
2.41
61
.24
67
.26
-45
2000
.24
142
1.92
49
.30
59
.23
-59
Note:
1. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
0.497
29.861
0.909
27.001
1.010
18.522
1.005
12.847
1.006
9.524
1.013
7.369
0.235
29.897
0.761
26.539
0.900
18.444
0.993
13.157
1.007
9.593
1.011
7.438
0.178
26.542
0.477
24.183
0.795
17.908
0.988
13.039
1.039
8.914
1.031
7.022
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
0
10
25
50
100
S11
2 GHz
S11
0.1 GHz
S22
2 GHz
S22
0.1 GHz
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
16
12
8
.12 .18 .24 .30
0.6
S21 20
S12
2 GHz
S21
0.1 GHz
3
S21
2 GHz
S12
0.1 GHz


Podobny numer części - NE02107B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
NE02107B CEL-NE02107B Datasheet
184Kb / 12P
   HIGH INSERTION GAIN: 18.5 dB at 500 MHz
More results

Podobny opis - NE02107B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NE856 NEC-NE856 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE680 NEC-NE680 Datasheet
246Kb / 19P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE681 NEC-NE681 Datasheet
218Kb / 20P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
celduc-relais
NE85619-A CELDUC-NE85619-A Datasheet
832Kb / 26P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com