Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NE02139-T1 Arkusz danych(PDF) 11 Page - List of Unclassifed Manufacturers

Numer części NE02139-T1
Szczegółowy opis  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

NE02139-T1 Arkusz danych(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button NE02139-T1 Datasheet HTML 4Page - List of Unclassifed Manufacturers NE02139-T1 Datasheet HTML 5Page - List of Unclassifed Manufacturers NE02139-T1 Datasheet HTML 6Page - List of Unclassifed Manufacturers NE02139-T1 Datasheet HTML 7Page - List of Unclassifed Manufacturers NE02139-T1 Datasheet HTML 8Page - List of Unclassifed Manufacturers NE02139-T1 Datasheet HTML 9Page - List of Unclassifed Manufacturers NE02139-T1 Datasheet HTML 10Page - List of Unclassifed Manufacturers NE02139-T1 Datasheet HTML 11Page - List of Unclassifed Manufacturers NE02139-T1 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PACKAGE OUTLINE 07
OUTLINE DIMENSIONS (Units in mm)
NE02100 (CHIP)
*07B has emitter and base reversed..
NE021 SERIES
0.07
φ
BASE
0.094
0.106
0.35±0.01
0.052
0.23
0.29
0.30
0.35±0.01
EMITTER
5.0 MIN (ALL LEADS)
45˚
0.5±0.07
1.0±0.1
+0.4
-0.2
2.5
+0.4
-0.2
1.3
+0.06
-0.03
0.1
E
B
E
C
MARKING
INTERNAL
CODE
YEAR INDICATOR
MONTH INDICATOR
PACKAGE OUTLINE 33
RECOMMENDED P.C.B. LAYOUT
PACKAGE OUTLINE 33
LEAD
CONNECTIONS
1. Emitter
2. Base
3. Collector
0.16
+0.10
-0.06
0.65
+0.10
-0.15
0.4
+0.10
-0.05
1
2
3
0 to 0.1
2.8
1.9
1.5
(ALL LEADS)
0.8
1.1 to 1.4
2.9 ± 0.2 0.95
+0.2
-0.3
+0.2
-0.1
2.4
3
2
1.9
0.95
1.0
1
0.8


Podobny numer części - NE02139-T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
California Eastern Labs
NE02139-T1 CEL-NE02139-T1 Datasheet
184Kb / 12P
   HIGH INSERTION GAIN: 18.5 dB at 500 MHz
More results

Podobny opis - NE02139-T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NE856 NEC-NE856 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE680 NEC-NE680 Datasheet
246Kb / 19P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE681 NEC-NE681 Datasheet
218Kb / 20P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
celduc-relais
NE85619-A CELDUC-NE85619-A Datasheet
832Kb / 26P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com