Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA723T Arkusz danych(PDF) 5 Page - Harris Corporation

Numer części CA723T
Szczegółowy opis  Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HARRIS [Harris Corporation]
Strona internetowa  http://www.harris.com
Logo HARRIS - Harris Corporation

CA723T Arkusz danych(HTML) 5 Page - Harris Corporation

  CA723T Datasheet HTML 1Page - Harris Corporation CA723T Datasheet HTML 2Page - Harris Corporation CA723T Datasheet HTML 3Page - Harris Corporation CA723T Datasheet HTML 4Page - Harris Corporation CA723T Datasheet HTML 5Page - Harris Corporation CA723T Datasheet HTML 6Page - Harris Corporation CA723T Datasheet HTML 7Page - Harris Corporation CA723T Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
7-7
CA723, CA723C
FIGURE 12. CURRENT LIMITING CHARACTERISTICS
FIGURE 13. QUIESCENT CURRENT vs INPUT VOLTAGE
Typical Performance Curves (CA723 and CA723C)
FIGURE 14. LOAD REGULATION vs DIFFERENTIAL INPUT-
OUTPUT VOLTAGE
FIGURE 15. LINE REGULATION vs DIFFERENTIAL INPUT-
OUTPUT VOLTAGE
FIGURE 16. LINE TRANSIENT RESPONSE
FIGURE 17. CURRENT LIMITING CHARACTERISTIC vs JUNC-
TION TEMPERATURE
Typical Performance Curves (CA723) (Continued)
OUTPUT CURRENT (mA)
1.2
1.0
0.8
0.6
0.4
0.2
0
060
40
20
10
80
100
AMBIENT TEMPERATURE (TA) = +25
oC
+70oC
0oC
OUTPUT VOLTAGE (VO) = REFERENCE
LOAD CURRENT (IL) = 0
VOLTAGE (VREF)
AMBIENT TEMPERATURE (TA) = +25
oC
0oC
+70oC
INPUT VOLTAGE (V)
010
20
30
40
1
2
3
4
5
0
INPUT VOLTAGE (VI) = 12V
LOAD CURRENT (IL) = I TO 50mA
OUTPUT VOLTAGE (VO) = 5V
AMBIENT TEMPERATURE (TA) = +25
oC
SHORT CIRCUIT PROTECTION
RESISTANCE (RSCP) = 0
0.2
0.1
0
-0.1
-0.2
-0.3
-5
5
15
25
35
45
DIFFERENTIAL INPUT - OUTPUT VOLTAGE (V)
0.3
0.2
0.1
0
-0.1
-0.2
OUTPUT VOLTAGE (VO) = 5V
LOAD CURRENT (IL) = 1mA
AMBIENT TEMPERATURE (TA) = +25
oC
DIFFERENTIAL INPUT VOLTAGE (
∆VT) = 3V
SHORT CIRCUIT PROTECTION RESISTANCE
(RSCP) = 0
-5
5
15
25
35
45
DIFFERENTIAL INPUT - OUTPUT VOLTAGE (V)
INPUT VOLTAGE (VI) = 12V, OUTPUT VOLTAGE (VO) = 5V
LOAD CURRENT (IL) = 40mA
AMBIENT TEMPERATURE (TA) = +25
oC
SHORT CIRCUIT PROTECTION RESISTANCE (RSCP) = 0
15
10
5
0
5
10
-5
5
15
25
35
45
TIME (
µs)
LOAD CURRENT (IL)
OUTPUT VOLTAGE (VO)
0
10
-10
-20
-30
200
160
120
80
40
0
0.8
0.7
0.6
0.5
0.4
0.3
-50
0
50
100
150
JUNCTION TEMPERATURE (oC)
CURRENT LIMITING
SENSE VOLTAGE
SHORT CIRCUIT LIMITING
CURRENT WITH RSCP = 5Ω
WITH RSCP = 10Ω


Podobny numer części - CA723T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA723 INTERSIL-CA723 Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
CA723C INTERSIL-CA723C Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
List of Unclassifed Man...
CA723CE ETC2-CA723CE Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Podobny opis - CA723T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA723 INTERSIL-CA723 Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
Harris Corporation
CA3085 HARRIS-CA3085 Datasheet
436Kb / 8P
   Positive Voltage Regulators from 1.7 to 46V at Currents Up to 100mA
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
   Output Voltage Adjustable from 1.30V to 36V
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
   Output voltage adjustable from 5V to 30V
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
   LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Holtek Semiconductor In...
HT16X2TX HOLTEK-HT16X2TX Datasheet
1Mb / 13P
   Operating voltage: 2V ~ 3.6V Output power up to 10dBm
logo
STMicroelectronics
LM217M STMICROELECTRONICS-LM217M Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
logo
Unisonic Technologies
LM317M UTC-LM317M_10 Datasheet
251Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com