Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA723CT Arkusz danych(PDF) 7 Page - Harris Corporation

Numer części CA723CT
Szczegółowy opis  Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HARRIS [Harris Corporation]
Strona internetowa  http://www.harris.com
Logo HARRIS - Harris Corporation

CA723CT Arkusz danych(HTML) 7 Page - Harris Corporation

  CA723CT Datasheet HTML 1Page - Harris Corporation CA723CT Datasheet HTML 2Page - Harris Corporation CA723CT Datasheet HTML 3Page - Harris Corporation CA723CT Datasheet HTML 4Page - Harris Corporation CA723CT Datasheet HTML 5Page - Harris Corporation CA723CT Datasheet HTML 6Page - Harris Corporation CA723CT Datasheet HTML 7Page - Harris Corporation CA723CT Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7-9
CA723, CA723C
FIGURE 22. NEGATIVE VOLTAGE REGULATOR CIRCUIT
FIGURE 23. POSITIVE VOLTAGE REGULATOR CIRCUIT (WITH
EXTERNAL n-p-n PASS TRANSISTOR)
FIGURE 24. POSITIVE VOLTRAGE REGULATOR CIRCUIT
(WITH EXTERNAL p-n-p PAS TRANSISTOR)
FIGURE 25. FOLDBACK CURRENT LIMITING CIRCUIT
Typical Application Circuits (Continued)
V+
VC
VO
VREF
V-
COMP
C1
100pF
CURRENT
LIMIT
REGULATED
OUTPUT-15V
CURRENT
SENSE
INV.
INPUT
INV.
INPUT
NON
R1
R3
3k
VZ
R5
2k
R4
3k
R2
Circuit Performance Data:
Line Regulation (
∆V
I = 3V) 1mV
Load Regulation (
∆I
L = 100mA) 2mV
Note: For Applications Employing the TO-5 Style Package
and Where VZ Is Required, An External; 6.2V Zener Diode
Should be Connected in Series with VO (Terminal 6).
VI
VI
V+
VC
VO
RSCP
VREF
NON
INV
INPUT
V-
COMP
R1
CURRENT
LIMIT
REGULATED
OUTPUT 15V
CURRENT
SENSE
INV.
INPUT
R2
C1
100pF
Circuit Performance Data:
Line Regulation (
∆V
I = 3V) 1.5mV
Load Regulation (
∆I
L = 1A) 15mV
VI
VO
RSCP
VREF
NON
INV
INPUT
V-
COMP
R1
CURRENT
LIMIT
REGULATED
OUTPUT 5V
CURRENT
SENSE
INV.
INPUT
R2
C1
0.001
µF
Circuit Performance Data:
Line Regulation (
∆V
I = 3V) 0.5mV
Load Regulation (
∆I
L = 1A) 5mV
V+
R3
60
VC
2N5956
OR
2N6108
VI
V+
VC
VO
RSCP
VREF
NON
INV
INPUT
V-
COMP
CURRENT
LIMIT
REGULATED
OUTPUT 5V
CURRENT
SENSE
INV.
INPUT
C1
0.001
µF
Circuit Performance Data:
Line Regulation (
∆V = 3V) 0.5mV
Load Regulation (
∆I
L = 10mA) 1mV
R1
R2
30
R4
5.6k
R3
2.7k
Short Circuit Current 20mA


Podobny numer części - CA723CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA723C INTERSIL-CA723C Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
List of Unclassifed Man...
CA723CE ETC2-CA723CE Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Podobny opis - CA723CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA723 INTERSIL-CA723 Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
Harris Corporation
CA3085 HARRIS-CA3085 Datasheet
436Kb / 8P
   Positive Voltage Regulators from 1.7 to 46V at Currents Up to 100mA
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
   Output Voltage Adjustable from 1.30V to 36V
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
   Output voltage adjustable from 5V to 30V
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
   LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Holtek Semiconductor In...
HT16X2TX HOLTEK-HT16X2TX Datasheet
1Mb / 13P
   Operating voltage: 2V ~ 3.6V Output power up to 10dBm
logo
STMicroelectronics
LM217M STMICROELECTRONICS-LM217M Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
logo
Unisonic Technologies
LM317M UTC-LM317M_10 Datasheet
251Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com