Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU30JA2MNVX-TL Arkusz danych(PDF) 1 Page - Rohm

Numer części BU30JA2MNVX-TL
Szczegółowy opis  Ultra-Small Package FULL CMOS LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU30JA2MNVX-TL Arkusz danych(HTML) 1 Page - Rohm

  BU30JA2MNVX-TL Datasheet HTML 1Page - Rohm BU30JA2MNVX-TL Datasheet HTML 2Page - Rohm BU30JA2MNVX-TL Datasheet HTML 3Page - Rohm BU30JA2MNVX-TL Datasheet HTML 4Page - Rohm BU30JA2MNVX-TL Datasheet HTML 5Page - Rohm BU30JA2MNVX-TL Datasheet HTML 6Page - Rohm BU30JA2MNVX-TL Datasheet HTML 7Page - Rohm BU30JA2MNVX-TL Datasheet HTML 8Page - Rohm BU30JA2MNVX-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
.
1/17
TSZ02201-0G5G0A300030-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
11.Apr.2016 Rev.003
TSZ22111・14・001
www.rohm.com
CMOS LDO Regulator Series for Automotive
Ultra-Small Package
FULL CMOS LDO Regulator
BUxxJA2MNVX-C series
General Description
BUxxJA2MNVX-C series are high-performance FULL
CMOS regulators with 200mA output, which are mounted
on versatile package SSON004R1010 (1.00mm x 1.00
mm x 0.60mm). These device have excellent noise
characteristics and load responsiveness characteristics
despite its low circuit current consumption of 35
μA. They
are most appropriate for various applications such as
power supplies for radar and camera of the automotive.
Features
 AEC-Q100 Qualified(NoteE1)
 High Accuracy Output
 Low Current Consumption
 Compatible With Small Ceramic Capacitor(CIN=CO=0.47
μF)
 With Built-in Output Discharge Circuit
 High Ripple Rejection
 ON/OFF Control of Output Voltage
 Built-in Over Current Protection Circuit
 Built-in Thermal Shutdown Circuit
(Note1) Grade1
Applications
Radar and camera for automotive, etc.
Key Specifications
 Input Voltage Range:
1.7V to 6.0V
 Output Voltage:
1.0V to 3.4V
 Output Voltage Accuracy: ±2.0%(Ta=-40°C to 125°C)
 Output Current:
200mA(Max)
 Standby Current:
35
μA (Typ)
 Operating Temperature Range:
-40°C to +125°C
Package
W(Typ) x D(Typ) x H(Max)
SSON004R1010 :
1.00mm x 1.00mm x 0.60mm
Typical Application Circuit
SSON004R1010
STBY
VIN
GND
STBY
GND
GND
VOUT
VOUT
VIN
CIN
0.47μF
CO
0.47μF
Figure 1. Application Circuit


Podobny numer części - BU30JA2MNVX-TL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU30JA3DG-CTL ROHM-BU30JA3DG-CTL Datasheet
7Mb / 96P
   For Automotive 300 mA CMOS LDO Regulators
27.Jun.2022 Rev.002
BU30JA3DG-CTR ROHM-BU30JA3DG-CTR Datasheet
7Mb / 96P
   For Automotive 300 mA CMOS LDO Regulators
27.Jun.2022 Rev.002
More results

Podobny opis - BU30JA2MNVX-TL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com