Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS4881-ITA Arkusz danych(PDF) 10 Page - Gennum Corporation

Numer części GS4881-ITA
Szczegółowy opis  Monolithic Video Sync Separators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4881-ITA Arkusz danych(HTML) 10 Page - Gennum Corporation

Back Button GS4881-ITA Datasheet HTML 6Page - Gennum Corporation GS4881-ITA Datasheet HTML 7Page - Gennum Corporation GS4881-ITA Datasheet HTML 8Page - Gennum Corporation GS4881-ITA Datasheet HTML 9Page - Gennum Corporation GS4881-ITA Datasheet HTML 10Page - Gennum Corporation GS4881-ITA Datasheet HTML 11Page - Gennum Corporation GS4881-ITA Datasheet HTML 12Page - Gennum Corporation GS4881-ITA Datasheet HTML 13Page - Gennum Corporation GS4881-ITA Datasheet HTML 14Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
520 - 23 - 03
Fig. 20 GS1881, GS4881, GS4981 Video Sync Separator Timing Diagram
Fig. 19 GS4981 Block Diagram
VIDEO
INPUT
(Pin 2)
HORIZONTAL
OUTPUT
(Pin 7)
VCC
(Pin 8)
VERTICAL SYNC
OUTPUT
(PIN 3)
BACK PORCH
DETECTOR
R_SET
(Pin 6)
1.2V
11µ
COMPOSITE
SYNC OUTPUT
(Pin 1)
85µ
VERTICAL
DETECTOR
WINDOWING
CIRCUIT
+
+
-
-
-
NOSYNC
B PEN
V 1
V 2
BACK PORCH
OUTPUT
(Pin 5)
VOLTAGE
REGULATOR
TIMING
CURRENTS
+
C SYNC
Q
Q
CLK
D
10k
COMPOSITE
VIDEO INPUT
COMPOSITE SYNC OUTPUT
GS1881, GS4881, GS4981
BACK PORCH OUTPUT
GS4881, GS4981
2.5µs
500ns
COMPOSITE
VIDEO INPUT
BACK PORCH
OUTPUT
600ns
2.5µs
HORIZONTAL OUTPUT
GS4981
BACK PORCH OUTPUT
GS1881
525
1
2
3
4
5
6
7
8
ODD/EVEN OUTPUT
GS1881, GS4881
VERTICAL SYNC OUTPUT
GS1881, GS4881, GS4981


Podobny numer części - GS4881-ITA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS4881 GENNUM-GS4881 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
More results

Podobny opis - GS4881-ITA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1881 GENNUM-GS1881_09 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
GS4882 GENNUM-GS4882 Datasheet
85Kb / 7P
   Video Sync Separators with 50% Sync Slicing
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com