Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SAW8A32D Arkusz danych(PDF) 11 Page - Seoul Semiconductor

Numer części SAW8A32D
Szczegółowy opis  Market Standard 3528 Package Size
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEOUL [Seoul Semiconductor]
Strona internetowa  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW8A32D Arkusz danych(HTML) 11 Page - Seoul Semiconductor

Back Button SAW8A32D Datasheet HTML 7Page - Seoul Semiconductor SAW8A32D Datasheet HTML 8Page - Seoul Semiconductor SAW8A32D Datasheet HTML 9Page - Seoul Semiconductor SAW8A32D Datasheet HTML 10Page - Seoul Semiconductor SAW8A32D Datasheet HTML 11Page - Seoul Semiconductor SAW8A32D Datasheet HTML 12Page - Seoul Semiconductor SAW8A32D Datasheet HTML 13Page - Seoul Semiconductor SAW8A32D Datasheet HTML 14Page - Seoul Semiconductor SAW8A32D Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW8A32D
– Acrich MJT 3528
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
11
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.1, Jun 20, 2016
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Table 5. Bin Code description, T
j=25℃, IF=60mA
*Notes :
(1) Calculated performance values are for reference only.
All measurements were made under the standardized environment of Seoul Semiconductor.
In order to ensure availability, single color rank will not be orderable.
Part Number
Luminous Intensity (cd)
Color
Chromaticity
Coordinate
Typical Forward Voltage (V)
Bin
Code
Min.
Max.
Bin
Code
Min.
Max.
SAW8A32D
K22
22.0
23.0
F0
9.1
9.4
K23
23.0
24.0
F1
9.4
9.7
K24
24.0
26.0
F2
9.7
10.0
Table 6. Intensity rank distribution
Available ranks
CCT
CIE
IV Rank
6,000 ~ 7,000K
A
K22
K23
K24
5,300
– 6,000K
B
K22
K23
K24
4,700 ~ 5,300K
C
K22
K23
K24
4,200 ~ 4,700K
D
K22
K23
K24
3,700 ~ 4,200K
E
K22
K23
K24
3,200 ~ 3,700K
F
K22
K23
K24
2,900 ~ 3,200K
G
K22
K23
K24
2,600 ~ 2,900K
H
K22
K23
K24


Podobny numer części - SAW8A32D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
SAW8A32E SEOUL-SAW8A32E Datasheet
1Mb / 31P
   High Color Quality, CRI Min. 80
SAW8A32E-E1 SEOUL-SAW8A32E-E1 Datasheet
1Mb / 31P
   RoHS compliant
SAW8A32E-E2 SEOUL-SAW8A32E-E2 Datasheet
1Mb / 31P
   Mid-Power LED
More results

Podobny opis - SAW8A32D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
SAW9A32E SEOUL-SAW9A32E Datasheet
1Mb / 31P
   Market Standard 3528 Package Size
STW9A12D SEOUL-STW9A12D Datasheet
1Mb / 27P
   Market Standard 3528 Package Size
STW8A2PD SEOUL-STW8A2PD Datasheet
1Mb / 31P
   Market Standard 3528 Package Size
S2-SAW8Q24D SEOUL-S2-SAW8Q24D Datasheet
1Mb / 31P
   Market Standard 5630 Package Size
logo
List of Unclassifed Man...
CBS2002424 ETC2-CBS2002424 Datasheet
120Kb / 3P
   Compact DC-DC Converter, HALF BRICK which has been standard size for Telecommunication Market
logo
Vectron International, ...
C1379 VECTRON-C1379 Datasheet
32Kb / 3P
   Standard 4-Pin DIP Package (Half Size)
C5379 VECTRON-C5379 Datasheet
38Kb / 3P
   Standard 4-Pin DIP Package (Half Size)
logo
OSRAM GmbH
LTRBR8SF OSRAM-LTRBR8SF Datasheet
1Mb / 21P
   pachinko market
logo
EPCOS
EC75X EPCOS-EC75X Datasheet
86Kb / 4P
   Standard size
logo
List of Unclassifed Man...
S3528WH-EA ETC1-S3528WH-EA Datasheet
518Kb / 16P
   3528 Size Flash White Color SMD Type LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com