Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP05BKS-REEL Arkusz danych(PDF) 7 Page - Analog Devices

Numer części TMP05BKS-REEL
Szczegółowy opis  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

TMP05BKS-REEL Arkusz danych(HTML) 7 Page - Analog Devices

Back Button TMP05BKS-REEL Datasheet HTML 3Page - Analog Devices TMP05BKS-REEL Datasheet HTML 4Page - Analog Devices TMP05BKS-REEL Datasheet HTML 5Page - Analog Devices TMP05BKS-REEL Datasheet HTML 6Page - Analog Devices TMP05BKS-REEL Datasheet HTML 7Page - Analog Devices TMP05BKS-REEL Datasheet HTML 8Page - Analog Devices TMP05BKS-REEL Datasheet HTML 9Page - Analog Devices TMP05BKS-REEL Datasheet HTML 10Page - Analog Devices TMP05BKS-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 7 of 28
TIMING CHARACTERISTICS
TA = TMIN to TMAX, VDD = 3.0 V to 5.5 V, unless otherwise noted.
Guaranteed by design and characterization, not production tested.
Table 3.
Parameter
Limit
Unit
Comments
TH
40
ms typ
PWM high time @ 25°C under nominal conversion rate
TL
76
ms typ
PWM low time @ 25°C under nominal conversion rate
t31
50
ns typ
TMP05 output rise time
t41
50
ns typ
TMP05 output fall time
t42
30
ns typ
TMP06 output fall time
t5
25
µs max
Daisy-chain start pulse width
1 Test load circuit is 100 pF to GND.
2 Test load circuit is 100 pF to GND, 10 kΩ to 5.5 V.
TH
TL
t4
90% 10%
t3
90%
10%
Figure 2. PWM Output Nominal Timing Diagram (25°C)
t5
START PULSE
Figure 3. Daisy-Chain Start Timing


Podobny numer części - TMP05BKS-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcom, Inc.
TMP057-059-32-36 TRANSCOM-TMP057-059-32-36 Datasheet
18Kb / 1P
   5 W GaAs PA PCB Module for 5.8 GHz Application
logo
Analog Devices
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results

Podobny opis - TMP05BKS-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TSE752A ATMEL-AT30TSE752A_14 Datasheet
1Mb / 57P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750 ATMEL-AT30TS750 Datasheet
1Mb / 50P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750A ATMEL-AT30TS750A Datasheet
1Mb / 48P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com