Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU2394KN Arkusz danych(PDF) 1 Page - Rohm

Numer części BU2394KN
Szczegółowy opis  3ch Clock Generator for Digital Cameras
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU2394KN Arkusz danych(HTML) 1 Page - Rohm

  BU2394KN_15 Datasheet HTML 1Page - Rohm BU2394KN_15 Datasheet HTML 2Page - Rohm BU2394KN_15 Datasheet HTML 3Page - Rohm BU2394KN_15 Datasheet HTML 4Page - Rohm BU2394KN_15 Datasheet HTML 5Page - Rohm BU2394KN_15 Datasheet HTML 6Page - Rohm BU2394KN_15 Datasheet HTML 7Page - Rohm BU2394KN_15 Datasheet HTML 8Page - Rohm BU2394KN_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/21
TSZ02201-0E3E0J500700-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
www.rohm.com
04.Nov.2015 Rev.001
3ch Clock Generator for Digital Cameras
BU2394KN
General Description
This clock generator IC produces three types of clocks
for CCD, USB, and VIDEO. These clocks are
necessary for digital still camera systems and digital
video camera systems. These are contained in a single
chip with the use of the PLL technology. Generating
these clocks with a single chip allows for simplified
design of the clock system. It occupies less space and
reduced number of components used for mobile
camera
equipment
which
is
increasingly
being
downsized and less costly.
Features
Connecting a crystal oscillator generates multiple
clock signals with a built-in PLL.
The CCD clock provides switching selection
outputs.
Providing the output of low period-jitter clock.
Uses compact package VQFN20 which makes it
suitable for mobile devices.
Single power supply of 3.3V
Applications
Generation of clocks used in digital still camera and
digital video camera systems
Key Specifications
BU2394KN
Supply Voltage Range
3.0V to 3.6V
Operating Temperature
Range
-5°C to +70°C
Reference Input Clock
14.318182MHz
28.636363MHz
Output CCD Clock
135.000000MHz
110.000000MHz
108.000000MHz
98.181818MHz
Output USB Clock
48.008022MHz
Output VIDEO Clock
14.318182MHz
17.734450MHz
Package
W(Typ) x D(Typ) x H(Max)
VQFN20
4.20mm x 4.20mm x 0.95mm
Typical Application Circuit
(Note) We believe that this circuit is to be recommended. However, to use it, make further thorough check for the characteristics.
for CCD
135.000000MHz
110.000000MHz
108.000000MHz
98.181818MHz
for Video
14.318182MHz
17.734450MHz
for USB
48.008022MHz
R
0.1uF
0.1uF
0.1uF
BU2394KN
VQFN-20
1:AVDD
2:AVDD
3:AVSS
4:XIN
5:XOUT
15:VDD1
14:VDD1
13:VSS1
12:CLK2ON
11:CLK1OUT
0.1µF
0.1µF
0.1µF
Datasheet
Datasheet


Podobny numer części - BU2394KN_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
More results

Podobny opis - BU2394KN_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2396KN ROHM-BU2396KN_15 Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
BU7331EKN-E2 ROHM-BU7331EKN-E2 Datasheet
572Kb / 21P
   3ch Programmable Clock Generator
BU3071HFV ROHM-BU3071HFV_08 Datasheet
838Kb / 21P
   Compact 1ch Clock Generators for Digital Cameras
BU7344HFV ROHM-BU7344HFV Datasheet
477Kb / 14P
   Compact 1ch Clock Generators for Digital Cameras
logo
List of Unclassifed Man...
BU2382FV ETC2-BU2382FV Datasheet
70Kb / 2P
   Clock generator for digital still camera
logo
Texas Instruments
VSP2265 TI-VSP2265 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Signal Processor with Timing Generator for Digital Cameras
VSP2267 TI-VSP2267 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Singnal Processor with Timing Generator for Digital cameras
logo
Rohm
BU2385KN ROHM-BU2385KN Datasheet
59Kb / 5P
   Clock generator for digital still camera
BU2382FV ROHM-BU2382FV Datasheet
60Kb / 7P
   Clock generator for digital still camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com