Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU2396KN Arkusz danych(PDF) 3 Page - Rohm

Numer części BU2396KN
Szczegółowy opis  3ch Clock Generator for Digital Cameras
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU2396KN Arkusz danych(HTML) 3 Page - Rohm

  BU2396KN_15 Datasheet HTML 1Page - Rohm BU2396KN_15 Datasheet HTML 2Page - Rohm BU2396KN_15 Datasheet HTML 3Page - Rohm BU2396KN_15 Datasheet HTML 4Page - Rohm BU2396KN_15 Datasheet HTML 5Page - Rohm BU2396KN_15 Datasheet HTML 6Page - Rohm BU2396KN_15 Datasheet HTML 7Page - Rohm BU2396KN_15 Datasheet HTML 8Page - Rohm BU2396KN_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
BU2396KN
3/20
TSZ02201-0E3E0J500710-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
04.Nov.2015 Rev.001
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limit
Unit
Supply Voltage
VDD
-0.5 to +7.0
Input Voltage
VIN
-0.5 to VDD+0.5
Storage Temperature Range
Tstg
-30 to +125
°C
Power Dissipation
Pd
0.53 (Note 1)
W
(Note 1) Derate by 5.3mW/°C when operating above Ta=25°C.
(Note) Operating temperature is not guaranteed.
(Note) Power dissipation is measured when the IC is mounted to the printed circuit board.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Limit
Unit
Supply Voltage
VDD
3.0 to 3.6
Input H Voltage
VINH
0.8VDD to VDD
Input L Voltage
VINL
0.0 to 0.2VDD
Operating Temperature
Topr
-5 to +70
°C
Output Load
CL
15(MAX)
pF


Podobny numer części - BU2396KN_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2396KN ROHM-BU2396KN Datasheet
275Kb / 6P
   Clock Generator
BU2396KN ROHM-BU2396KN Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
More results

Podobny opis - BU2396KN_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_15 Datasheet
1Mb / 25P
   3ch Clock Generator for Digital Cameras
BU7331EKN-E2 ROHM-BU7331EKN-E2 Datasheet
572Kb / 21P
   3ch Programmable Clock Generator
BU3071HFV ROHM-BU3071HFV_08 Datasheet
838Kb / 21P
   Compact 1ch Clock Generators for Digital Cameras
BU7344HFV ROHM-BU7344HFV Datasheet
477Kb / 14P
   Compact 1ch Clock Generators for Digital Cameras
logo
List of Unclassifed Man...
BU2382FV ETC2-BU2382FV Datasheet
70Kb / 2P
   Clock generator for digital still camera
logo
Texas Instruments
VSP2265 TI-VSP2265 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Signal Processor with Timing Generator for Digital Cameras
VSP2267 TI-VSP2267 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Singnal Processor with Timing Generator for Digital cameras
logo
Rohm
BU2385KN ROHM-BU2385KN Datasheet
59Kb / 5P
   Clock generator for digital still camera
BU2382FV ROHM-BU2382FV Datasheet
60Kb / 7P
   Clock generator for digital still camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com