Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU2505FV Arkusz danych(PDF) 2 Page - Rohm

Numer części BU2505FV
Szczegółowy opis  10bit 8ch/10ch D/A Converters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU2505FV Arkusz danych(HTML) 2 Page - Rohm

  BU2505FV_15 Datasheet HTML 1Page - Rohm BU2505FV_15 Datasheet HTML 2Page - Rohm BU2505FV_15 Datasheet HTML 3Page - Rohm BU2505FV_15 Datasheet HTML 4Page - Rohm BU2505FV_15 Datasheet HTML 5Page - Rohm BU2505FV_15 Datasheet HTML 6Page - Rohm BU2505FV_15 Datasheet HTML 7Page - Rohm BU2505FV_15 Datasheet HTML 8Page - Rohm BU2505FV_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2/18
BU2505FV BU2506FV
TSZ02201-0RLR0GZ10140-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
11.Dec.2015 Rev.001
www.rohm.co.jp
TSZ22111・15・001
SSOP-B20
(TOP VIEW)
1 2 3 4 5 6 7 8 9 1 0
20 19 18 17 16 15 14 13 12 11
Pin Configurations
Pin Descriptions
No.
Terminal
Name
Analog /
Digital
I/O
Description
Equivalent
circuit No.
BU2505FV
BU2506FV
1
VSS
Analog
-
D/A converter lower reference voltage (VrefL) input terminal
6
2
AO3
Analog
O
10bit D/A output(CH3)
4
3
AO4
Analog
O
10bit D/A output(CH4)
4
4
AO5
Analog
O
10bit D/A output(CH5)
4
5
REVERSE
Digital
I
Reverses the 10bit designated as data in the 14bit to select MSB
first or LSB first.
(Note 1)
2
6
RESET
Digital
I
Fixes the output voltage to the lower reference level for all
channels.
2
7
AO6
Analog
O
10bit D/A output(CH6)
4
8
AO7
Analog
O
10bit D/A output(CH7)
4
9
AO8
Analog
O
10bit D/A output(CH8)
4
10
VDD
Analog
-
D/A converter upper reference voltage (VrefH) input terminal
5
11
VCC
-
-
Power supply
-
12
AO9(TEST1)
Analog
O
10bit D/A output(CH9)
test terminal
(Note 2)
4
13
AO10(TEST2)
Analog
O
10bit D/A output(CH10)
test terminal
(Note 2)
4
14
DO
Digital
O
Outputs the LSB data of 14bit shift resister.
3
15
LD
Digital
I
When the LD terminal is set to the high level voltage, 14bit data in
the shift register is loaded on to the address decoder and a
specified D/A output register.
1
16
CLK
Digital
I
Shift clock input terminal. At the rising edge of the CLK input, an
input value on the DI terminal is input to the 14bit shift register.
1
17
DI
Digital
I
Serial data input terminal. Serial data length is 14bit (4bit address
and 10bit data).
1
18
AO1
Analog
O
10bit D/A output(CH1)
4
19
AO2
Analog
O
10bit D/A output(CH2)
4
20
GND
-
-
GND terminal
-
(Note 1) It is selectable for the IC to receive 10bit data in LSB first order or MSB first order, depending on the condition of the REVERSE terminal. If the REVERSE
terminal is set to the GND voltage, it is MSB first
(Note 2) The TEST1 and TEST2 terminals of the BU2506FV should be left open. These terminals are used for testing.


Podobny numer części - BU2505FV_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2505FV-E2 ROHM-BU2505FV-E2 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2505FV-E2 ROHM-BU2505FV-E2 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
More results

Podobny opis - BU2505FV_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2506FV ROHM-BU2506FV_11 Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2506FV ROHM-BU2506FV_09 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2507FV ROHM-BU2507FV_15 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
BH2223FV ROHM-BH2223FV_10 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
BH2223FV ROHM-BH2223FV_15 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
BH2223FV ROHM-BH2223FV_09 Datasheet
277Kb / 8P
   Standard 8bit 10ch-E12ch Type D/A Converters
BH2226FV ROHM-BH2226FV_09 Datasheet
387Kb / 10P
   Standard 8bit 8ch Type D/A Converters
BH2226FV ROHM-BH2226FV_15 Datasheet
1Mb / 20P
   D/A Converters Standard 8bit 8ch Type
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BU2508FV ROHM-BU2508FV_09 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com