Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU2507FV Arkusz danych(PDF) 4 Page - Rohm

Numer części BU2507FV
Szczegółowy opis  10bit 4ch/6ch D/A Converters
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU2507FV Arkusz danych(HTML) 4 Page - Rohm

  BU2507FV Datasheet HTML 1Page - Rohm BU2507FV Datasheet HTML 2Page - Rohm BU2507FV Datasheet HTML 3Page - Rohm BU2507FV Datasheet HTML 4Page - Rohm BU2507FV Datasheet HTML 5Page - Rohm BU2507FV Datasheet HTML 6Page - Rohm BU2507FV Datasheet HTML 7Page - Rohm BU2507FV Datasheet HTML 8Page - Rohm BU2507FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4/17
BU2507FV BU2508FV
TSZ02201-0RLR0GZ10150-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
11.Dec.2015 Rev.001
www.rohm.co.jp
TSZ22111・15・001
Electrical Characteristics(Unless otherwise specified, VCC=5V, VrefH=5V, VrefL=0V, TA=25°C)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
<Digital unit>
Supply current
ICC
-
0.85
2.8
mA
At CLK=10MHz, IAO=0μA
Input leak current
IILK
-5
-
+5
μA
VIN=0V to VCC
Input voltage L
VIL
-
-
0.8
V
-
Input voltage H
VIH
2.0
-
-
V
-
Output voltage L
VOL
0
-
0.4
V
IOL=+2.5mA
Output voltage H
VOH
4.6
-
5
V
IOH=-2.5mA
<Analog unit>
Consumption current
IrefH
-
4.5
7.5
mA
Data condition : at maximum current
-
2.0
3.4
mA
(Note 3)
D/A converter upper reference voltage
setting range
VrefH
3.0
-
5
V
-
D/A converter lower reference voltage
setting range
VrefL
0
-
1.5
V
Buffer amplifier output voltage range
VO
0.1
-
4.9
V
IO=±100μA
0.2
-
4.75
IO=±1.0mA
Buffer amplifier output drive range
IO
-2
-
+2
mA
High side saturation voltage =0.35V
(on full scale setting, current sourcing)
Low side saturation voltage =0.23V
(on zero scale setting, current sinking)
Precision
Differential non-linearity error
DNL
-1.0
-
+1.0
LSB
VrefH =4.796V
VrefL=0.7V
VCC=5.5V (4mV/LSB)
At no load (IO=+0mA )
Integral non-linearity error
INL
-3.5
-
+3.5
Zero point error
SZERO
-25
-
+25
mV
Full scale error
SFULL
-25
-
+25
Buffer amplifier output impedance
RO
-
5
15
Ω
-
Pull-up I/O internal resistance value
(Note 4)
Rup
12.5
25
37.5
Input voltage = 0V
(The resistance value has input
voltage dependence)
(Note 3) Under the condition that CH1 to CH4 are set to maximum current
(Note 4) The specification is applied to pin 4 (RESET)


Podobny numer części - BU2507FV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2507FV ROHM-BU2507FV Datasheet
47Kb / 4P
   10bit 6-channel D/A converter
BU2507FV ROHM-BU2507FV Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
BU2507FV ROHM-BU2507FV Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BU2507FV-E2 ROHM-BU2507FV-E2 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
More results

Podobny opis - BU2507FV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BH2227FV ROHM-BH2227FV_15 Datasheet
1Mb / 18P
   D/A Converters Standard 8bit 4ch ??6ch Type
BU2508FV ROHM-BU2508FV_09 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
logo
Asahi Kasei Microsystem...
AK8432 AKM-AK8432 Datasheet
1Mb / 46P
   6CH 10bit 40MSPS횞3
logo
Rohm
BU2505FV ROHM-BU2505FV_15 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
BU2506FV ROHM-BU2506FV_11 Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2506FV ROHM-BU2506FV_09 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BH2227FV ROHM-BH2227FV_09 Datasheet
257Kb / 9P
   Standard 8bit 4ch-E6ch Type D/A Converters
BH2227FV ROHM-BH2227FV_11 Datasheet
235Kb / 9P
   Standard 8bit 4ch??ch Type D/A Converters
logo
Asahi Kasei Microsystem...
AK4591 AKM-AK4591 Datasheet
257Kb / 40P
   24bit 4ch ADC 24bit 6ch DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com