Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP05AKSZ-REEL Arkusz danych(PDF) 8 Page - Analog Devices

Numer części TMP05AKSZ-REEL
Szczegółowy opis  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

TMP05AKSZ-REEL Arkusz danych(HTML) 8 Page - Analog Devices

Back Button TMP05AKSZ-REEL Datasheet HTML 4Page - Analog Devices TMP05AKSZ-REEL Datasheet HTML 5Page - Analog Devices TMP05AKSZ-REEL Datasheet HTML 6Page - Analog Devices TMP05AKSZ-REEL Datasheet HTML 7Page - Analog Devices TMP05AKSZ-REEL Datasheet HTML 8Page - Analog Devices TMP05AKSZ-REEL Datasheet HTML 9Page - Analog Devices TMP05AKSZ-REEL Datasheet HTML 10Page - Analog Devices TMP05AKSZ-REEL Datasheet HTML 11Page - Analog Devices TMP05AKSZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VDD to GND
–0.3 V to +7 V
Digital Input Voltage to GND
–0.3 V to VDD + 0.3 V
Maximum Output Current (OUT)
±10 mA
Operating Temperature Range1
–40°C to +150°C
Storage Temperature Range
–65°C to +160°C
Maximum Junction Temperature, TJMAX
150°C
5-Lead SOT-23
Power Dissipation2
WMAX = (TJ max – TA3)/θJA
Thermal Impedance4
θJA, Junction-to-Ambient (Still Air)
240°C/W
5-Lead SC-70
Power Dissipation2
WMAX = (TJ max – TA3)/θJA
Thermal Impedance4
θJA, Junction-to-Ambient
207.5°C/W
θJC, Junction-to-Case
172.3°C/W
IR Reflow Soldering
Peak Temperature
220°C (0°C/5°C)
Time at Peak Temperature
10 s to 20 s
Ramp-Up Rate
2°C/s to 3°C/s
Ramp-Down Rate
–6°C/s
1 It is not recommended to operate the device at temperatures above 125°C
for more than a total of 5% (5,000 hours) of the lifetime of the device. Any
exposure beyond this limit affects device reliability.
2 SOT-23 values relate to the package being used on a 2-layer PCB and SC-70
values relate to the package being used on a 4-layer PCB. See Figure
for a
plot of maximum power dissipation versus ambient temperature (T
4
A
).
3 TA = ambient temperature.
4 Junction-to-case resistance is applicable to components featuring a
preferential flow direction, for example, components mounted on a heat
sink. Junction-to-ambient resistance is more useful for air-cooled PCB
mounted components.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (
°C)
SC-70
SOT-23
Figure 4. Maximum Power Dissipation vs. Temperature
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Podobny numer części - TMP05AKSZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcom, Inc.
TMP057-059-32-36 TRANSCOM-TMP057-059-32-36 Datasheet
18Kb / 1P
   5 W GaAs PA PCB Module for 5.8 GHz Application
logo
Analog Devices
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results

Podobny opis - TMP05AKSZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TSE752A ATMEL-AT30TSE752A_14 Datasheet
1Mb / 57P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750 ATMEL-AT30TS750 Datasheet
1Mb / 50P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750A ATMEL-AT30TS750A Datasheet
1Mb / 48P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com