Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU4052BC Arkusz danych(PDF) 7 Page - Rohm

Numer części BU4052BC
Szczegółowy opis  Dual 4ch Analog Multiplexer/Demultiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU4052BC Arkusz danych(HTML) 7 Page - Rohm

Back Button BU4052BC Datasheet HTML 3Page - Rohm BU4052BC Datasheet HTML 4Page - Rohm BU4052BC Datasheet HTML 5Page - Rohm BU4052BC Datasheet HTML 6Page - Rohm BU4052BC Datasheet HTML 7Page - Rohm BU4052BC Datasheet HTML 8Page - Rohm BU4052BC Datasheet HTML 9Page - Rohm BU4052BC Datasheet HTML 10Page - Rohm BU4052BC Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7/17
TSZ02201-0RDR0GZ00290-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
08.Jan.2015 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BU4052BC BU4052BCF BU4052BCFV
Typical Performance Curves - continued
0
10
20
30
40
50
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
Figure 11. Propagation Delay Time tPLH (IN→OUT) vs
Ambient Temperature
Figure 12. Propagation Delay Time tPHL (IN→OUT) vs
Ambient Temperature
Figure 13. Propagation Delay Time tPZH
(CONTROL (A,B)→OUT) vs Ambient Temperature
Figure 14. Propagation Delay Time tPHZ
(CONTROL (A,B)→OUT) vs Ambient Temperature
0
10
20
30
40
50
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
VDD=3V
VDD=5V
VDD=10V
VDD=18V
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=18V
Operating Temperature Range
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
VDD=3V
VDD=5V
VDD=10V
VDD=18V
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=18V


Podobny numer części - BU4052BC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU4052BC ROHM-BU4052BC Datasheet
79Kb / 7P
   Dual 4-channel analog multiplexer / demultiplexer
BU4052BC ROHM-BU4052BC Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4052BC ROHM-BU4052BC Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
logo
List of Unclassifed Man...
BU4052BC ETC2-BU4052BC Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BU4052BC-E2 ROHM-BU4052BC-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
More results

Podobny opis - BU4052BC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com