Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU21024FV-M Arkusz danych(PDF) 6 Page - Rohm

Numer części BU21024FV-M
Szczegółowy opis  Resistive Type Touch Screen Controller ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU21024FV-M Arkusz danych(HTML) 6 Page - Rohm

Back Button BU21024FV-M_14 Datasheet HTML 2Page - Rohm BU21024FV-M_14 Datasheet HTML 3Page - Rohm BU21024FV-M_14 Datasheet HTML 4Page - Rohm BU21024FV-M_14 Datasheet HTML 5Page - Rohm BU21024FV-M_14 Datasheet HTML 6Page - Rohm BU21024FV-M_14 Datasheet HTML 7Page - Rohm BU21024FV-M_14 Datasheet HTML 8Page - Rohm BU21024FV-M_14 Datasheet HTML 9Page - Rohm BU21024FV-M_14 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
BU21023GUL
BU21023MUV
BU21024FV-M
6/16
Datasheet
Datasheet
TSZ02201-0L5L0F300190-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
31.Mar.2014 Rev.003
www.rohm.com
TSZ22111・15・001
BU21024FV-M
HOST-I/F mode
(4-wire SPI)
(SCK=SCL_SCK, SI=SDA_SI, CSB=SEL_CSB, SO=SO)
CSB
SI
Write
SCK
W
A
6
W
A
5
W
A
4
W
A
3
W
A
2
W
A
1
W
A
0
W
D
7
W
D
6
W
D
5
W
D
4
W
D
3
W
D
2
W
D
1
W
D
0
W
D
7
W
D
6
W
D
5
W
D
1
W
D
0
Register Address
Write (WA + 1)
Write (WA)
Write (WA + n)
1
2
3
5
4
7
SI
Read
R
A
6
R
A
5
R
A
4
R
A
3
R
A
2
R
A
1
R
A
0
Register Address
0
1
8
6
SO
Read
R
D
7
R
D
6
R
D
5
R
D
4
R
D
3
R
D
2
R
D
1
R
D
0
R
D
7
R
D
6
R
D
5
R
D
1
R
D
0
Read (RA + 1)
Read (RA)
Read (RA + n)
z
z
9
Condition : VDD = 3.0V Ta=25°C
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
CSB Setup Time
t1
30
-
-
ns
SCK "H" Level Period
t2
30
-
-
ns
SCK "L" Level Period
t3
30
-
-
ns
SI Setup Time
t4
20
-
-
ns
SI Holding Time
t5
20
-
-
ns
CSB Holding Time
t6
20
-
-
ns
CSB "H" Level Time
t7
50
-
-
ns
Data Output Delay Time
t8
-
-
15
ns
SCK Frequency
t9
-
-
15
MHz
Note: SPI interface is selected by tying IFSEL pin to logic low. IFSEL= logic high selects the 2-wire Interface


Podobny numer części - BU21024FV-M_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21024FV-ME2 ROHM-BU21024FV-ME2 Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21024FV-ME2 ROHM-BU21024FV-ME2 Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
More results

Podobny opis - BU21024FV-M_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21023GUL ROHM-BU21023GUL_16 Datasheet
1Mb / 21P
   Resistive Type Touch Screen Controller ICs
BU21024FV ROHM-BU21024FV Datasheet
721Kb / 19P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL_11 Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_16 Datasheet
2Mb / 61P
   AR1000 Series Resistive Touch Screen Controller
06/23/16
logo
Rohm
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com