Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU21023GUL-E2 Arkusz danych(PDF) 6 Page - Rohm

Numer części BU21023GUL-E2
Szczegółowy opis  Resistive Type Touch Screen Controller ICs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU21023GUL-E2 Arkusz danych(HTML) 6 Page - Rohm

Back Button BU21023GUL-E2 Datasheet HTML 2Page - Rohm BU21023GUL-E2 Datasheet HTML 3Page - Rohm BU21023GUL-E2 Datasheet HTML 4Page - Rohm BU21023GUL-E2 Datasheet HTML 5Page - Rohm BU21023GUL-E2 Datasheet HTML 6Page - Rohm BU21023GUL-E2 Datasheet HTML 7Page - Rohm BU21023GUL-E2 Datasheet HTML 8Page - Rohm BU21023GUL-E2 Datasheet HTML 9Page - Rohm BU21023GUL-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
BU21023GUL BU21023MUV BU21024FV-M
6/17
TSZ02201-0L5L0F300840-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
7.June.2016 Rev.004
www.rohm.com
TSZ22111・15・001
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Conditions
Power Supply Voltage
VDD
-0.3 to +4.5
V
Input Voltage
VIN
-0.3 to VDD+0.3
V
Power Dissipation
BU21023GUL
Pd
0.83
(Note 1)
W
BU21023MUV
0.70
(Note 2)
W
Storage Temperature Range
Tstg
-50 to +125
°C
(Note1) Derate by 8.30 mW /°C centigrade when ambient temperature exceeds 25°C. Measured using PCB measuring 50mm x58mm.
(Note 2) Derate by 7.04mW /°C centigrade when ambient temperature exceeds 25°C. Measured using PCB(1 layer) measuring 74.2x74.2x1.6t mm
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Conditions
Min
Typ
Max
Power Supply Voltage
VDD
2.70
3.00
3.60
V
Digital Core Power Supply
DVDD
1.62
1.80
1.98
V
DVDD_EXT=H
Operating Temperature Range
Topr
-20
+25
+85
°C
Note: The BU21023 controllers can be operated with a single 3V VDD supply.
It is also possible to supply 1.8V DVDD from an external source if the DVDD_EXT pin is connected to logic high.
Electrical Characteristics (Ta=25°C, VDD=3.00V)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Low-Level Input Voltage
VIL
-0.5
-
0.2xVDD
V
High-Level Input Voltage
VIH
0.8xVDD
-
VDD+0.5
V
Low-Level Output Voltage
VOL
-
-
0.4
V
High-Level Output Voltage
VOH
VDD-0.4
-
-
V
Standby Current
IST
-
-
1
µA
RSTB=L
Sleep Current1
ICC1
-
60
100
µA
DVDD_EXT =L
Sleep Current2
ICC2
-
10
20
µA
DVDD_EXT =H
Operating Current
IDD
-
4
6
mA
No Load
Oscillation Frequency
Freq
18
20
22
MHz
Resolution
Ad
1024x1024
Bit
Differential Non-Linearity Error
DNL
-3.0
-
+3.0
LSB
Integral Non-Linearity Error
INL
-3.0
-
+3.0
LSB


Podobny numer części - BU21023GUL-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21023GUL-ME2 ROHM-BU21023GUL-ME2 Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
More results

Podobny opis - BU21023GUL-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21024FV-M ROHM-BU21024FV-M_14 Datasheet
716Kb / 20P
   Resistive Type Touch Screen Controller ICs
BU21024FV ROHM-BU21024FV Datasheet
721Kb / 19P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL_11 Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_16 Datasheet
2Mb / 61P
   AR1000 Series Resistive Touch Screen Controller
06/23/16
logo
Rohm
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com