Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU4051BCF Arkusz danych(PDF) 8 Page - Rohm

Numer części BU4051BCF
Szczegółowy opis  8ch Analog Multiplexer/Demultiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU4051BCF Arkusz danych(HTML) 8 Page - Rohm

Back Button BU4051BCF Datasheet HTML 4Page - Rohm BU4051BCF Datasheet HTML 5Page - Rohm BU4051BCF Datasheet HTML 6Page - Rohm BU4051BCF Datasheet HTML 7Page - Rohm BU4051BCF Datasheet HTML 8Page - Rohm BU4051BCF Datasheet HTML 9Page - Rohm BU4051BCF Datasheet HTML 10Page - Rohm BU4051BCF Datasheet HTML 11Page - Rohm BU4051BCF Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8/17
TSZ02201-0RDR0GZ00280-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
06.Jan.2015 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BU4051BC BU4051BCF BU4051BCFV
Typical Performance Curves - continued
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=18V
Figure 15. Propagation Delay Time
CONTROL (A,B,C)→OUT(tPLZ) vs Ambient Temperature
Figure 16. Propagation Delay Time
CONTROL (A,B,C)→OUT(tPZL) vs Ambient Temperature
Figure 17. Propagation Delay Time
CONTROL (INHIBIT)→OUT (tPZH)vs Ambient Temperature
Figure 18. Propagation Delay Time
CONTROL (INHIBIT)→OUT (tPHZ)vs Ambient Temperature
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=18V
VDD=18V
VDD=10V
VDD=5V
VDD=18V
VDD=3V
Operating Temperature Range
VDD=10V
VDD=5V
VDD=3V
Operating Temperature Range


Podobny numer części - BU4051BCF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU4051BCF ROHM-BU4051BCF Datasheet
76Kb / 6P
   8-channel analog multiplexer / demultiplexer
BU4051BCF ROHM-BU4051BCF Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4051BCF ROHM-BU4051BCF Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4051BCF-E2 ROHM-BU4051BCF-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4051BCF-E2 ROHM-BU4051BCF-E2 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
More results

Podobny opis - BU4051BCF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com