Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU21026MUV Arkusz danych(PDF) 9 Page - Rohm

Numer części BU21026MUV
Szczegółowy opis  4-wire Resistive Touch Screen Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU21026MUV Arkusz danych(HTML) 9 Page - Rohm

Back Button BU21026MUV Datasheet HTML 5Page - Rohm BU21026MUV Datasheet HTML 6Page - Rohm BU21026MUV Datasheet HTML 7Page - Rohm BU21026MUV Datasheet HTML 8Page - Rohm BU21026MUV Datasheet HTML 9Page - Rohm BU21026MUV Datasheet HTML 10Page - Rohm BU21026MUV Datasheet HTML 11Page - Rohm BU21026MUV Datasheet HTML 12Page - Rohm BU21026MUV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/19
TSZ02201-0L5L0FF00890-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
4.Aug.2016 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BU21026MUV
Command Byte
BU21026MUV has a command byte after the address byte. Upper 4 bits of the command byte select an operation code.
And lower 4 bits of the command byte select an operand. Effects of the operands are changed by the operation code.
Table 2. Command Byte
BIT
MSB
7
6
5
4
3
2
1
LSB
0
NAME
C3
C2
C1
C0
O3
O2
O1
O0
BIT 7-4 : C3-0
Operation code:
It is select an operation of the command. Detail is shown in Table 3.
BIT 3-0 : O3-0
Operand:
It has 3 types. The operand type is selected by the operation code. When the operation
code is not “0101” or “1011”, the option type is 0. When it is “1011”, the option type is 1.
When it is “0101” option type is 2. Detail is shown in Table 3 and 4.
Table 3. Operation Code Function
C3
C2
C1
C0
FUNCTION
AD-INPUT X-DRIVER
Y-DRIVER
INT
POLARITY
OPERAND
TYPE
0
0
0
0
Set Power
OFF
OFF
OFF
H
0
0
0
0
1
Reserved
-
-
-
-
-
0
0
1
0
Measure AUX
AUX
OFF
OFF
H
0
0
0
1
1
Reserved
-
-
-
-
-
0
1
0
0
Set Power
OFF
OFF
OFF
H
0
0
1
0
1
Software Reset
OFF
OFF
OFF
H
2
0
1
1
0
Reserved
-
-
-
-
-
0
1
1
1
Reserved
-
-
-
-
-
1
0
0
0
Drive X
OFF
ON
OFF
L
0
1
0
0
1
Drive Y
OFF
OFF
ON
L
0
1
0
1
0
Drive Z
OFF
XN-ON
YP-ON
L
0
1
0
1
1
Setup
Keep
Keep
Keep
Keep
1
1
1
0
0
Measure X
YP
ON
OFF
L
0
1
1
0
1
Measure Y
XP
OFF
ON
L
0
1
1
1
0
Measure Z1
YN
XN-ON
YP-ON
L
0
1
1
1
1
Measure Z2
XP
XN-ON
YP-ON
L
0
Set Power (0000, 0100)
This code is used for returning to a state for touch detection without A/D conversion after sending screen drive command.
After this command, A/D converted data is set to 0.
Software Reset (0101)
BU21026MUV resets an A/D converted data, setup settings, and state of analog blocks to the initial state. If
BU21026MUV receives this code during an A/D conversion, the A/D conversion is stopped.
Drive X (1000), Drive Y (1001), Drive Z (1010)
BU21026MUV starts driving screen voltage by each code. PD is not effective. So, Driving is continuous until reserving
another command that changes state of driving screen voltage.
Measure AUX (0010), Measure X (1100), Measure Y (1101), Measure Z1 (1110), Measure Z2 (1111)
BU21026MUV starts driving screen voltage and A/D conversion. A PD of operand set, state of BU21026MUV after A/D
conversion is finished.
Setup (1011)
The setup command has a special operand (type is 1). The operand has MAF and pull-up resistor settings. Detail is
shown in Table 4.


Podobny numer części - BU21026MUV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21021GUL-E2 ROHM-BU21021GUL-E2 Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21023FV-ME2 ROHM-BU21023FV-ME2 Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL Datasheet
717Kb / 8P
   Silicon monolithic IC
BU21023GUL ROHM-BU21023GUL Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
More results

Podobny opis - BU21026MUV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com