Zakładka z wyszukiwarką danych komponentów |
|
TP5KP54CA Arkusz danych(PDF) 1 Page - Littelfuse |
|
TP5KP54CA Arkusz danych(HTML) 1 Page - Littelfuse |
1 / 5 page Transient Voltage Suppression Diodes ©2016 Littelfuse, Inc. Specifications are subject to change without notice. Revised: 05/25/16 Axial Leaded – 5000W > TP5KP series AGENCY AGENCY FILE NUMBER E230531 TVS devices are ideal for the protection of I/O interfaces, V CC bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications. Applications Features The TP5KP Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events. Description Parameter Symbol Value Unit Peak Pulse Power Dissipation by 10/1000μs Test Waveform (Fig.2) (Note 1) P PPM 5000 W Steady State Power Dissipation on Infinite Heat Sink at T L=75ºC P D 8.0 W Peak Forward Surge Current, 8.3ms Single Half Sine Wave Unidirectional Only (Note 2) I FSM 400 A Maximum Instantaneous Forward Voltage at 100A for Unidirectional Only (Note 3) V F 3.5 V Operating Junction Temperature Range T J -55 to 150 °C Storage Temperature Range T STG -55 to 175 °C Typical Thermal Resistance Junction to Lead R θJL 8.0 °C/W Typical Thermal Resistance Junction to Ambient R θJA 40 °C/W Notes: 1. Non-repetitive current pulse , per Fig. 4 and derated above T J (initial) =25 O C per Fig. 3. 2. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 per minute maximum. Maximum Ratings and Thermal Characteristics (T A=25 O C unless otherwise noted) Agency Approvals • Hi reliability application and automotive grade AEC Q101 qualified • Glass passivated chip junction in P600 package • 5000W peak pulse capability at 10/1000μs waveform, repetition rate (duty cycles):0.01% • Fast response time: typically less than 1.0ps from 0 Volts to BV min • Excellent clamping capability • Typical failure mode is short from over-specified voltage or current • Whisker test is conducted based on JEDEC JESD201A per its table 4a and 4c • IEC-61000-4-2 ESD 30kV(Air), 30kV (Contact) • ESD protection of data lines in accordance with IEC 61000-4-2 • EFT protection of data lines in accordance with IEC 61000-4-4 • Low incremental surge resistance • Typical I R less than 2μA when V BR min>12V • High temperature to reflow soldering guaranteed: 260°C/10sec / 0.375”, (9.5mm) lead length, 5 lbs., (2.3kg) tension • V BR @ TJ= VBR@25°C x (1+αT x (T J - 25)) (αT:Temperature Coefficient, typical value is 0.1%) • Plastic package is flammability rated V-0 per Underwriters Laboratories • Matte tin lead–free plated • Halogen free and RoHS compliant • Pb-free E3 means 2nd level interconnect is Pb-free and the terminal finish material is tin(Sn) (IPC/ JEDEC J-STD-609A.01) TP5KP Series Functional Diagram Bi-directional Uni-directional Cathode Anode Bi-directional Uni-directional RoHS Pb e3 |
Podobny numer części - TP5KP54CA |
|
Podobny opis - TP5KP54CA |