Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC516 Arkusz danych(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części BC516
Szczegółowy opis  Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BC516 Arkusz danych(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BC516 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC516 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC516 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO – 92
1.COLLECTOR
2.BASE
3.EMITTER
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
BC516
TRANSISTOR (PNP)
FEATURES
High DC Current Gain
High Collector Current
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -0.1mA,IE=0
-40
V
Collector-emitter
breakdown
V(BR)CEO
IC=-2mA,IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA,IC=0
-10
V
Collector cut-off current
ICBO
VCB=-30V,IE=0
-0.1
μA
DC current gain
hFE
VCE=-2V, IC=-20mA
30000
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA,IB=-0.1mA
-1
V
Base-emitter saturation voltage
VBE(sat)
IC=-100mA,IB=-0.1mA
-1.5
V
Base-emitter voltage
VBE
VCE=-5V, IC=-10mA
-1.4
V
Transition frequency
fT
VCE=-5V,IC=-10mA, f=100MHz
200
MHz
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-10
V
IC
Collector Current
-1
A
PC
Collector Power Dissipation
625
mW
RθJA
Thermal Resistance Junction To Ambient
200
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
C,Aug,2016


Podobny numer części - BC516

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC516 PHILIPS-BC516 Datasheet
44Kb / 8P
   PNP Darlington transistor
1999 Apr 23
logo
Siemens Semiconductor G...
BC516 SIEMENS-BC516 Datasheet
138Kb / 4P
   PNP Silicon Darlington Transistor (High current gain High collector current)
logo
Fairchild Semiconductor
BC516 FAIRCHILD-BC516 Datasheet
25Kb / 3P
   PNP Darlington Transistor
logo
Micro Electronics
BC516 MICRO-ELECTRONICS-BC516 Datasheet
68Kb / 1P
   COMPLEMENTARY SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
BC516 SEMTECH_ELEC-BC516 Datasheet
78Kb / 1P
   PNP Silicon Darlington Transistor
More results

Podobny opis - BC516

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com