Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5543BR Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD5543BR
Szczegółowy opis  Current Output/ Serial Input, 16-/14-Bit DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5543BR Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD5543BR Datasheet HTML 4Page - Analog Devices AD5543BR Datasheet HTML 5Page - Analog Devices AD5543BR Datasheet HTML 6Page - Analog Devices AD5543BR Datasheet HTML 7Page - Analog Devices AD5543BR Datasheet HTML 8Page - Analog Devices AD5543BR Datasheet HTML 9Page - Analog Devices AD5543BR Datasheet HTML 10Page - Analog Devices AD5543BR Datasheet HTML 11Page - Analog Devices AD5543BR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. A
–8–
AD5543/AD5553
APPLICATIONS
Stability
VDD
VREF
VREF
VDD
U2
U1
AD5543/AD5553
VO
GND
IOUT
RFB
AD8628
C1
Figure 7. Optional Compensation Capacitor for Gain
Peaking Prevention
In the I-to-V configuration, the IOUT of the DAC and the inverting
node of the op amp must be connected as close as possible, and
proper PCB layout technique must be employed. Since every code
change corresponds to a step function, gain peaking may occur
if the op amp has limited GBP and there is excessive parasitic
capacitance at the inverting node.
An optional compensation capacitor C1 can be added for stability
as shown in Figure 7. C1 should be found empirically but 20 pF
is generally adequate for the compensation.
Positive Voltage Output
To achieve the positive voltage output, an applied negative
reference to the input of the DAC is preferred over the output
inversion through an inverting amplifier because of the resistor’s
tolerance errors. To generate a negative reference, the reference
can be level-shifted by an op amp such that the VOUT and GND
pins of the reference become the virtual ground and –2.5 V
respectively, (see Figure 8).
VREF
VDD
U2
U1
AD5543/AD5553
VO
GND
IOUT
RFB
1/2AD8628
1/2AD8620
VOUT VIN
GND
V+
V–
+5V
–5V
ADR03
+5V
–2.5V
U3
U4
C1
0 < VO < +2.5
Figure 8. Positive Voltage Output Configuration
Bipolar Output
The AD5543/AD5553 is inherently a 2-quadrant multiplying
D/A converter. That is, it can easily be set up for unipolar output
operation. The full-scale output polarity is the inverse of the
reference input voltage.
In some applications, it may be necessary to generate the full
4-quadrant multiplying capability or a bipolar output swing. This
is easily accomplished by using an additional external amplifier
U4 configured as a summing amplifier (see Figure 9). In this
circuit, the second amplifier U4 provides a gain of 2 that increases
the output span magnitude to 5 V. Biasing the external amplifier
with a 2.5 V offset from the reference voltage results in a full
4-quadrant multiplying circuit. The transfer equation of this circuit
shows that both negative and positive output voltages are created
as the input data (D) is incremented from code zero (VOUT =
–2.5 V) to midscale (VOUT = 0 V) to full-scale (VOUT = +2.5 V).
VD
V
AD
OUT
REF
(/
,
– )
(
)
32 768 1
5543
(3)
VD
V
AD
OUT
REF
(/
,
– )
(
)
16 384
1
5553
(4)
For AD5543, the resistance tolerance becomes the dominant
error of which users should be aware.
VREF
VDD
U2
U1
AD5553 ONLY
VO
GND
IOUT
RFB
1/2AD8620
VOUT VIN
GND
ADR03
U3
1/2AD8620
V+
V–
+5V
–5V
+5V
U4
C1
–2.5 < VO < +2.5
C2
5k
0.01%
R3
R1
R2
10k
0.01% 10k
0.01%
+5V
Figure 9. Four-Quadrant Multiplying Application Circuit


Podobny numer części - AD5543BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5543BR AD-AD5543BR Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543BRM AD-AD5543BRM Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543BRM-REEL7 AD-AD5543BRM-REEL7 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543BRMZ AD-AD5543BRMZ Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543BRMZ-REEL7 AD-AD5543BRMZ-REEL7 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
More results

Podobny opis - AD5543BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849_15 Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD7849 AD-AD7849 Datasheet
212Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com