Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9215BCP-65 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9215BCP-65
Szczegółowy opis  10-Bit, 65/80/105 MSPS, 3V A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9215BCP-65 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9215BCP-65 Datasheet HTML 2Page - Analog Devices AD9215BCP-65 Datasheet HTML 3Page - Analog Devices AD9215BCP-65 Datasheet HTML 4Page - Analog Devices AD9215BCP-65 Datasheet HTML 5Page - Analog Devices AD9215BCP-65 Datasheet HTML 6Page - Analog Devices AD9215BCP-65 Datasheet HTML 7Page - Analog Devices AD9215BCP-65 Datasheet HTML 8Page - Analog Devices AD9215BCP-65 Datasheet HTML 9Page - Analog Devices AD9215BCP-65 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD9215
Rev. A | Page 6 of 36
ABSOLUTE MAXIMUM RATINGS1
Table 5.
Mnemonic
With
Respect to
Min
Max
Unit
ELECTRICAL
AVDD
AGND
−0.3
+3.9
V
DRVDD
DRGND
−0.3
+3.9
V
AGND
DRGND
−0.3
+0.3
V
AVDD
DRVDD
−3.9
+3.9
V
Digital Outputs
DRGND
−0.3
DRVDD + 0.3
V
CLK, MODE
AGND
−0.3
AVDD + 0.3
V
VIN+, VIN−
AGND
−0.3
AVDD + 0.3
V
VREF
AGND
−0.3
AVDD + 0.3
V
SENSE
AGND
−0.3
AVDD + 0.3
V
REFB, REFT
AGND
−0.3
AVDD + 0.3
V
PDWN
AGND
−0.3
AVDD + 0.3
V
−40
+85
°C
150
°C
300
°C
ENVIRONMENTAL2
Operating Temperature
Junction Temperature
Lead Temperature (10 sec)
Storage Temperature
−65
+150
°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
2Typical thermal impedances 28-lead TSSOP: θJA = 67.7°C/W, 32-lead LFCSP:
θJA = 32.7°C/W; heat sink soldered down to ground plane.
EXPLANATION OF TEST LEVELS
Test Level
I
100% production tested.
II
100% production tested at 25°C and sample tested at
specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and characterization
testing.
V
Parameter is a typical value only.
VI
100% production tested at 25°C; guaranteed by design and
characterization testing for industrial temperature range;
100% production tested at temperature extremes for mili-
tary devices.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Podobny numer części - AD9215BCP-65

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9215BCP-65EB AD-AD9215BCP-65EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Podobny opis - AD9215BCP-65

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com