Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

0.3PSI-G-4VPRIME-ND Arkusz danych(PDF) 6 Page - All Sensors Corporation

Numer części 0.3PSI-G-4VPRIME-ND
Szczegółowy opis  industrial Temperature Grade
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASC [All Sensors Corporation]
Strona internetowa  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

0.3PSI-G-4VPRIME-ND Arkusz danych(HTML) 6 Page - All Sensors Corporation

  0.3PSI-G-4VPRIME-ND Datasheet HTML 1Page - All Sensors Corporation 0.3PSI-G-4VPRIME-ND Datasheet HTML 2Page - All Sensors Corporation 0.3PSI-G-4VPRIME-ND Datasheet HTML 3Page - All Sensors Corporation 0.3PSI-G-4VPRIME-ND Datasheet HTML 4Page - All Sensors Corporation 0.3PSI-G-4VPRIME-ND Datasheet HTML 5Page - All Sensors Corporation 0.3PSI-G-4VPRIME-ND Datasheet HTML 6Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Amplified Middle Pressure Sensors Industrial Grade
Specification Notes
note
1: All pArAmeters Are meAsured At 5.0 volt excitAtion, for the nominAl full scAle pressure And room temperAture unless otherwise specified. pressure meAsurements Are with
positive pressure Applied to
port B. ABsolute devices require pressure to Be Applied to port A.
note
2: shift is relAtive to 25°c.
note
3: meAsured At one-hAlf full scAle rAted pressure using Best strAight line curve fit.
note
4: the spAn is the AlgeBrAic difference Between full scAle output voltAge And the offset voltAge
All Sensors reserves the right to make changes to any products herein. All Sensors does not assume any liability arising out of the application or use of any product or circuit described
herein, neither does it convey any license under its patent rights nor the rights of others.
Pressure Response: for any pressure applied the response time to get to 90% of pressure applied is typically less than 500 useconds.
Parameter, note 1
Operating Range, gage pressure
Output Span, note 4
Offset Voltage @ zero pressure
Offset Temperature Shift (-25°C to 85°C), note 2
Linearity, hysteresis error, note 3
Span Shift (-25°C to 85°C), note 2
Minimum
--
3.90
0.15
--
--
--
Nominal
100
4.0
0.25
--
--
--
Maximum
--
4.10
0.35
±20
±0.5
±1
Units
PSI
V
V
mV
%FSS
%FSS
Performance Characteristics for 100 PSI-G-4V-PRIME
Parameter, note 1
Operating Range, differential pressure
Output Span, note 4
Offset Voltage @ zero differential pressure
Offset Temperature Shift (-25°C to 85°C), note 2
Linearity, hysteresis error, note 3
Span Shift (-25°C to 85°C), note 2
Minimum
--
±1.90
0.15
--
--
--
Nominal
100
±2.0
0.25
--
--
--
Maximum
--
±2.10
0.35
±20
±0.5
±1
Units
PSI
V
V
mV
%FSS
%FSS
Performance Characteristics for 100 PSI-D-4V-PRIME
-
+
Vs
Vout
Gnd
Equivalent Circuit


Podobny numer części - 0.3PSI-G-4VPRIME-ND

ProducentNumer częściArkusz danychSzczegółowy opis
logo
All Sensors Corporation
0.3PSI-G-4V ASC-0.3PSI-G-4V Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
0.3PSI-G-4V-MIL ASC-0.3PSI-G-4V-MIL Datasheet
47Kb / 4P
   Military Temperature Grade
0.3PSI-G-4V-MIL-ND ASC-0.3PSI-G-4V-MIL-ND Datasheet
47Kb / 4P
   Military Temperature Grade
0.3PSI-G-4V-PRIME ASC-0.3PSI-G-4V-PRIME Datasheet
256Kb / 6P
   Amplified Middle Pressure Sensors
0.3PSI-G-4V-PRIME-REF ASC-0.3PSI-G-4V-PRIME-REF Datasheet
63Kb / 4P
   Industrial Temperature Grade with Voltage Reference
More results

Podobny opis - 0.3PSI-G-4VPRIME-ND

ProducentNumer częściArkusz danychSzczegółowy opis
logo
All Sensors Corporation
PSI-D-4VPRIME-ND ASC-PSI-D-4VPRIME-ND Datasheet
256Kb / 6P
   Industrial Temperature Grade
logo
MORNSUN Science& Techno...
MCP100-2A27D27 MORNSUN-MCP100-2A27D27 Datasheet
1Mb / 4P
   Industrial grade operating temperature
logo
All Sensors Corporation
0.3PSI-G-4V-PRIME-REF ASC-0.3PSI-G-4V-PRIME-REF Datasheet
63Kb / 4P
   Industrial Temperature Grade with Voltage Reference
PSI-D-4V-PRIME ASC-PSI-D-4V-PRIME Datasheet
63Kb / 4P
   Industrial Temperature Grade with Voltage Reference
logo
Advantech Co., Ltd.
SQR-SD1I ADVANTECH-SQR-SD1I Datasheet
488Kb / 1P
   Industrial Grade
15-Jan-2014
logo
List of Unclassifed Man...
015038 ETC2-015038 Datasheet
766Kb / 2P
   Industrial Temperature
logo
Abracon Corporation
AWSZT-MW ABRACON-AWSZT-MW Datasheet
174Kb / 2P
   INDUSTRIAL GRADE CERAMIC RESONATOR
07.26.07
HWZT-MS ABRACON-HWZT-MS Datasheet
344Kb / 2P
   INDUSTRIAL GRADE CERAMIC RESONATOR
07.16.07
logo
Greenliant systems
GLS85LP1001P GREENLIANT-GLS85LP1001P Datasheet
193Kb / 6P
   Industrial Grade PATA NANDrive
GLS85LP0512P GREENLIANT-GLS85LP0512P Datasheet
122Kb / 8P
   Industrial Grade PATA NANDrive
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com