Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9215BCPZ-105 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9215BCPZ-105
Szczegółowy opis  10-Bit, 65/80/105 MSPS, 3V A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9215BCPZ-105 Arkusz danych(HTML) 5 Page - Analog Devices

  AD9215BCPZ-105 Datasheet HTML 1Page - Analog Devices AD9215BCPZ-105 Datasheet HTML 2Page - Analog Devices AD9215BCPZ-105 Datasheet HTML 3Page - Analog Devices AD9215BCPZ-105 Datasheet HTML 4Page - Analog Devices AD9215BCPZ-105 Datasheet HTML 5Page - Analog Devices AD9215BCPZ-105 Datasheet HTML 6Page - Analog Devices AD9215BCPZ-105 Datasheet HTML 7Page - Analog Devices AD9215BCPZ-105 Datasheet HTML 8Page - Analog Devices AD9215BCPZ-105 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AD9215
Rev. A | Page 5 of 36
Table 3. Digital Specifications
AD9215BRU-65/
AD9215BCP-65
AD9215BRU-80/
AD9215BCP-80
AD9215BRU-105/
AD9215BCP-105
Parameter
Temp
Test
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
LOGIC INPUTS (CLK, PDWN)
High Level Input Voltage
Full
IV
2.0
2.0
2.0
V
Low Level Input Voltage
Full
IV
0.8
0.8
0.8
V
High Level Input Current
Full
IV
−650
+10
−650
+10
−650
+10
µA
Low Level Input Current
Full
IV
−70
+10
−70
+10
−70
+10
µA
Input Capacitance
Full
V
2
2
2
pF
LOGIC OUTPUTS1
DRVDD = 2.5 V
High Level Output Voltage
Full
IV
2.45
2.45
2.45
V
Low Level Output Voltage
Full
IV
0.05
0.05
0.05
V
1 Output voltage levels measured with a 5 pF load on each output.
Table 4. Switching Specifications
AD9215BRU-65/
AD9215BCP-65
AD9215BRU-80/
AD9215BCP-80
AD9215BRU-105/
AD9215BCP-105
Parameter
Temp
Test
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Maximum Conversion Rate
Full
VI
65
80
105
MSPS
Minimum Conversion Rate
Full
V
5
5
5
MSPS
CLOCK Period
Full
V
15.4
12.5
9.5
ns
DATA OUTPUT PARAMETERS
Output Delay1 (tOD)
Full
VI
2.5
4.8
6.5
2.5
4.8
6.5
2.5
4.8
6.5
ns
Pipeline Delay (Latency)
Full
V
5
5
5
Cycles
Aperture Delay
25°C
V
2.4
2.4
2.4
ns
Aperture Uncertainty (Jitter)
25°C
V
0.5
0.5
0.5
ps rms
Wake-Up Time2
25°C
V
7
7
7
ms
OUT-OF-RANGE RECOVERY TIME
25°C
V
1
1
1
Cycles
tA
tPD
N–7
N–6
N–5
N–4
N–3
N–2
N–1
N
N+1
N+2
ANALOG
INPUT
CLK
DATA
OUT
N–1
N
N+1
N+2
N+3
N+4
N+5
N+6
N+7
N+8
Figure 2. Timing Diagram
1 Output delay is measured from CLK 50% transition to DATA 50% transition, with 5 pF load on each output.
2 Wake-up time is dependent on the value of decoupling capacitors; typical values shown with 0.1 µF and 10 µF capacitors on REFT and REFB.


Podobny numer części - AD9215BCPZ-105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9215BCPZ-105 AD-AD9215BCPZ-105 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215BCPZ-105 AD-AD9215BCPZ-105 Datasheet
1,012Kb / 37P
   3V A/D Converter
More results

Podobny opis - AD9215BCPZ-105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com