Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9215BCPZ-105 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9215BCPZ-105
Szczegółowy opis  10-Bit, 65/80/105 MSPS, 3V A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9215BCPZ-105 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9215BCPZ-105 Datasheet HTML 6Page - Analog Devices AD9215BCPZ-105 Datasheet HTML 7Page - Analog Devices AD9215BCPZ-105 Datasheet HTML 8Page - Analog Devices AD9215BCPZ-105 Datasheet HTML 9Page - Analog Devices AD9215BCPZ-105 Datasheet HTML 10Page - Analog Devices AD9215BCPZ-105 Datasheet HTML 11Page - Analog Devices AD9215BCPZ-105 Datasheet HTML 12Page - Analog Devices AD9215BCPZ-105 Datasheet HTML 13Page - Analog Devices AD9215BCPZ-105 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD9215
Rev. A | Page 10 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 3.0 V, DRVDD = 2.5 V with DCS enabled, TA = 25°C, 2 V differential input, AIN = −0.5 dBFS, VREF = 1.0 V, unless
otherwise noted.
–120
0
–20
–40
–60
–80
–100
0
52.50
45.94
39.38
32.81
26.25
19.69
13.13
6.56
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 58.0
ENOB = 9.4 BITS
SFDR = 75.5dB
Figure 9. Single-Tone 32k FFT with fIN = 10.3 MHZ, fSAMPLE = 105 MSPS
–120
0
–20
–40
–60
–80
–100
0
52.50
45.94
39.38
32.81
26.25
19.69
13.13
6.56
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 57.8
ENOB = 9.4 BITS
SFDR = 75.0dB
Figure 10. Single-Tone 32k FFT with fIN = 70.3 MHz, fSAMPLE = 105 MSPS
–120
0
–20
–40
–60
–80
–100
0
52.50
45.94
39.38
32.81
26.25
19.69
13.13
6.56
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 57.7
ENOB = 9.3 BITS
SFDR = 75dB
Figure 11. Single-Tone 32k FFT with fIN = 100.3 MHz, fSAMPLE = 105 MSPS
ENCODE (MSPS)
70
75
80
65
60
55
50
5
15
2535
455565
7585
AIN = –0.5dBFS
1V p-p SFDR (dBc)
2V p-p SFDR (dBc)
1V p-p SNR (dB)
2V p-p SNR (dB)
Figure 12. AD9215-80 SNR/SFDR vs. fSAMPLE, fIN = 10.3 MHz
ENCODE (MSPS)
70
75
80
65
60
55
50
5
1525
3545
5565
AIN = –0.5dBFS
2V p-p SFDR (dBc)
1V p-p SFDR (dBc)
1V p-p SNR (dB)
2V p-p SNR (dB)
Figure 13. AD9215-65 SNR/SFDR vs. fSAMPLE, fIN = 10.3 MHz
55
60
65
70
75
80
85
0
100
80
60
40
20
fSAMPLE (MSPS)
2V p-p SFDR
2V p-p SNR
Figure 14. AD9215-105 SNR/SFDR vs. fSAMPLE, fIN = 10.3 MHz


Podobny numer części - AD9215BCPZ-105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9215BCPZ-105 AD-AD9215BCPZ-105 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215BCPZ-105 AD-AD9215BCPZ-105 Datasheet
1,012Kb / 37P
   3V A/D Converter
More results

Podobny opis - AD9215BCPZ-105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com