Zakładka z wyszukiwarką danych komponentów |
|
744838040400 Arkusz danych(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
744838040400 Arkusz danych(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
3 / 5 page Classification Wave Soldering Profile: Time Tp tp Ts max Ts typical Ts min First Wave Preheat area Cool down area Second Wave typical temperature procedure min temperature procedure max temperature procedure Profile Feature Pb-Free Assembly Sn-Pb Assembly Preheat Temperature Min Ts min 100 °C 100 °C Preheat Temperature Typical Ts typical 120 °C 120 °C Preheat Temperature Max Ts max 130 °C 130 °C Preheat Time ts from Ts min to Ts max ts 70 seconds 70 seconds Peak temperature Tp 250 °C - 260 °C 235 °C - 260 °C Time of actual peak temperature tp max. 10 seconds max. 5 seconds each wave max. 10 seconds max. 5 seconds each wave Ramp-down Rate, Min ~ 2 K/ second ~ 2 K/ second Ramp-down Rate, Typical ~ 3.5 K/ second ~ 3.5 K/ second Ramp-down Rate, Max ~ 5 K/ second ~ 5 K/ second Time 25°C to 25°C 4 minutes 4 minutes Classification Wave Soldering Profile: refer to EN61760-1:2006 Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com CREATED CHECKED GENERAL TOLERANCE PROJECTION METHOD KaS HasA DIN ISO 2768-1m DESCRIPTION WE-TPBHV Three-Phase Common Mode Power Line Choke ORDER CODE 744838040400 SIZE REVISION STATUS DATE BUSINESS UNIT PAGE 4XL 001.000 Valid 2016-09-16 eiSos 3/5 This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
Podobny numer części - 744838040400 |
|
Podobny opis - 744838040400 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |