Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1028X Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI1028X
Szczegółowy opis  Dual N-Channel 30 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1028X Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI1028X Datasheet HTML 1Page - Vishay Siliconix SI1028X Datasheet HTML 2Page - Vishay Siliconix SI1028X Datasheet HTML 3Page - Vishay Siliconix SI1028X Datasheet HTML 4Page - Vishay Siliconix SI1028X Datasheet HTML 5Page - Vishay Siliconix SI1028X Datasheet HTML 6Page - Vishay Siliconix SI1028X Datasheet HTML 7Page - Vishay Siliconix SI1028X Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
Si1028X
Document Number: 63862
S12-1956-Rev. B, 13-Aug-12
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Dual N-Channel 30 V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
ESD Protected: 550 V Typical HBM
Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
BENEFITS
Low Offset Voltage
Low-Voltage Operation
High-Speed Circuits
Small Board Area
APPLICATIONS
Load/Signal Switching for Portable Devices
Drivers: Relays, Solenoids, Lamps, Hammers, Displays,
Memories
Battery Operated Systems
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. t = 5 s.
PRODUCT SUMMARY
VDS (V)
RDS(on) () Max.
ID (A)
Qg (Typ.)
30
0.650 at VGS = 10 V
0.48
0.5
0.770 at VGS = 4.5 V
0.45
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
0.48a, b
A
TA = 70 °C
0.45a, b
Pulsed Drain Current (t = 300 µs)
IDM
1
Continuous Source-Drain Diode Current
TA = 25 °C
IS
0.18a, b
A
Maximum Power Dissipationa
TA = 25 °C
PD
0.22a, b
W
TA = 70 °C
0.14a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Max.
Unit
Maximum Junction-to-Ambientb
t
5 s
RthJA
470
565
°C/W
Steady State
560
675
Ordering Information: Si1028X-T1-GE3 (Lead (Pb)-free and Halogen-free)
Marking Code
XX
G
Lot Traceability
and Date Code
Part # Code
Top View
3
1
D2
G2
S1
5
2
4
6D1
S2
G1
SC-89


Podobny numer części - SI1028X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Telefunken
SI1028X TFUNK-SI1028X Datasheet
179Kb / 8P
   Dual N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI1028X VISHAY-SI1028X Datasheet
183Kb / 8P
   Dual N-Channel 30 V (D-S) MOSFET
08-Feb-17
SI1028X VISHAY-SI1028X_V01 Datasheet
183Kb / 8P
   Dual N-Channel 30 V (D-S) MOSFET
08-Feb-17
More results

Podobny opis - SI1028X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com