Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

8T74S208C-01NLGI8 Arkusz danych(PDF) 5 Page - Integrated Device Technology

Numer części 8T74S208C-01NLGI8
Szczegółowy opis  2.5 V Differential LVDS Clock Divider and Fanout Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

8T74S208C-01NLGI8 Arkusz danych(HTML) 5 Page - Integrated Device Technology

  8T74S208C-01NLGI8 Datasheet HTML 1Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 2Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 3Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 4Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 5Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 6Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 7Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 8Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
©2016 Integrated Device Technology, Inc.
August 22, 2016
8T74S208C-01 Datasheet
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Electrical Characteristics
or AC Electrical Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Input Termination Current, IVT
±35mA
Outputs, IO
Continuous Current
Surge Current
10mA
15mA
Storage Temperature, TSTG
-65
C to 150C
Maximum Junction Temperature, TJMAX
125°C
ESD - Human Body Model 1
2000V
ESD - Charged Device Model 1
500V
DC Electrical Characteristics
.
Item
Rating
NOTE 1: According to JEDEC/JS-001-2012/JESD22-C101E.
Table 4A. Power Supply DC Characteristics, VDD = VDDO = 2.5V ± 5%, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Power Supply Voltage
2.375
2.5
2.625
V
VDDO
Output Supply Voltage
2.375
2.5
2.625
V
IDD
Power Supply Current
54
64
mA
IDDO
Output Supply Current
All Outputs are Enabled and
Terminated
155
182
mA
Table 4B. LVCMOS/LVTTL Input DC Characteristics, VDD = VDDO = 2.5V ± 5%, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input
High Voltage1
FSEL[1:0],
ADR[1:0]
VDD = 2.5V ± 5%
1.7
VDD + 0.3
V
SCL, SDA
VDD = 2.5V ± 5%
1.9
VDD + 0.3
V
VIL
Input
Low Voltage1
FSEL[1:0],
ADR[1:0]
VDD = 2.5V ± 5%
-0.3
0.7
V
SCL, SDA
VDD = 2.5V ± 5%
-0.3
0.5
V
IIH
Input
High Current
FSEL[1:0],
ADR[1:0]
VDD = VIN = 2.625V
150
µA
SCL, SDA
VDD = VIN = 2.625V
5
µA
IIL
Input
Low Current
FSEL[1:0],
ADR[1:0]
VDD = 2.625V, VIN = 0V
-10
µA
SCL, SDA
VDD = 2.625V, VIN = 0V
-150
µA
NOTE 1: VIL should not be lower than -0.3V and VIH should not be higher than VDD + 0.3V.


Podobny numer części - 8T74S208C-01NLGI8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
More results

Podobny opis - 8T74S208C-01NLGI8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01_16 Datasheet
367Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
874208I IDT-874208I Datasheet
298Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
logo
Integrated Device Techn...
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com