Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

8T74S208C-01NLGI8 Arkusz danych(PDF) 11 Page - Integrated Device Technology

Numer części 8T74S208C-01NLGI8
Szczegółowy opis  2.5 V Differential LVDS Clock Divider and Fanout Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

8T74S208C-01NLGI8 Arkusz danych(HTML) 11 Page - Integrated Device Technology

Back Button 8T74S208C-01NLGI8 Datasheet HTML 7Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 8Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 9Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 10Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 11Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 12Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 13Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 14Page - Integrated Device Technology 8T74S208C-01NLGI8 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
©2016 Integrated Device Technology, Inc.
August 22, 2016
8T74S208C-01 Datasheet
Applications Information
Differential Input with Built-In 50
 Termination Interface
The IN /nIN with built-in 50
 terminations accept LVDS, LVPECL,
CML and other differential signals. Both differential signals must
meet the VIN and VCMR requirements. Figure 4A to Figure 4C show
interface examples for the IN/nIN input with built-in 50
 terminations
driven by the most common driver types. The input interfaces
suggested here are examples only. If the driver is from another
vendor, use their termination recommendation. Please consult with
the vendor of the driver component to confirm the driver termination
requirements.
Figure 4A. IN/nIN Input with Built-In 50
 driven by an
LVDS Driver
Figure 4B. IN/nIN Input with Built-In 50
 Driven by a CML
Driver with Open Collector
Figure 4C. IN/nIN Input with Built-In 50
 driven by an
LVPECL Driver
2.5V
LVDS
3.3V or 2.5V
50
Ω
50
Ω
IN
nIN
VT
Receiver
w ith Built-in
50
Ω
Zo = 50
Ω
Zo = 50
Ω
2.5V
2.5V
IN
nIN
VT
Receiver
with Built-in
50
Ω
Zo = 50
Ω
Zo = 50
Ω
50
Ω
50
Ω
CML – Open Collector
2.5V
LVPECL
2.5V
50
Ω
50
Ω
IN
nIN
VT
Receiver
w ith Built-in
50
Ω
Zo = 50
Ω
Zo = 50
Ω
R1
18
Ω


Podobny numer części - 8T74S208C-01NLGI8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
More results

Podobny opis - 8T74S208C-01NLGI8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01_16 Datasheet
367Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
874208I IDT-874208I Datasheet
298Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
logo
Integrated Device Techn...
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com