Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14016B Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC14016B
Szczegółowy opis  Quad Analog Switch/ Quad Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14016B Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC14016B_14 Datasheet HTML 1Page - ON Semiconductor MC14016B_14 Datasheet HTML 2Page - ON Semiconductor MC14016B_14 Datasheet HTML 3Page - ON Semiconductor MC14016B_14 Datasheet HTML 4Page - ON Semiconductor MC14016B_14 Datasheet HTML 5Page - ON Semiconductor MC14016B_14 Datasheet HTML 6Page - ON Semiconductor MC14016B_14 Datasheet HTML 7Page - ON Semiconductor MC14016B_14 Datasheet HTML 8Page - ON Semiconductor MC14016B_14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC14016B
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Note 4) (CL = 50 pF, TA = 25_C)
Characteristic
Figure
Symbol
VDD
Vdc
Min
Typ
(Note 5)
Max
Unit
Propagation Delay Time (VSS = 0 Vdc)
Vin to Vout
(VC = VDD, RL = 10 kW)
Control to Output
(Vin ≤ 10 Vdc, RL = 10 kW)
7
tPLH,
tPHL
5.0
10
15
15
7.0
6.0
45
20
15
ns
8
tPHZ,
tPLZ,
tPZH,
tPZL
5.0
10
15
34
20
15
120
110
100
ns
Crosstalk, Control to Output (VSS = 0 Vdc)
(VC = VDD, Rin = 10 kW, Rout = 10 kW,
f = 1.0 kHz)
9
5.0
10
15
30
50
100
mV
Crosstalk between any two switches (VSS = 0 Vdc)
(RL = 1.0 kW, f = 1.0 MHz,
crosstalk
+ 20log10
Vout1
Vout2
)
5.0
– 80
dB
Noise Voltage (VSS = 0 Vdc)
(VC = VDD, f = 100 Hz)
10,11
5.0
10
15
24
25
30
nV/
√Cycle
(VC = VDD, f = 100 kHz)
5.0
10
15
12
12
15
Second Harmonic Distortion (VSS = – 5.0 Vdc)
(Vin = 1.77 Vdc, RMS Centered @ 0.0 Vdc,
RL = 10 kW, f = 1.0 kHz)
5.0
0.16
%
Insertion Loss (VC = VDD, Vin = 1.77 Vdc,
VSS = −5.0 Vdc, RMS centered = 0.0 Vdc, f = 1.0 MHz)
Iloss + 20 log10
Vout
Vin
)
(RL = 1.0 kW)
(RL = 10 kW)
(RL = 100 kW)
(RL = 1.0 MW)
12
5.0
2.3
0.2
0.1
0.05
dB
Bandwidth (−3.0 dB)
(VC = VDD, Vin = 1.77 Vdc, VSS = −5.0 Vdc,
RMS centered @ 0.0 Vdc)
(RL = 1.0 kW)
(RL = 10 kW)
(RL = 100 kW)
(RL = 1.0 MW)
12,13
BW
5.0
54
40
38
37
MHz
OFF Channel Feedthrough Attenuation
(VSS = −5.0 Vdc)
Vout
Vin
+ –50dB)
(RL = 1.0 kW)
(RL = 10 kW)
(RL = 100 kW)
(RL = 1.0 MW)
(VC = VSS, 20 log10
5.0
1250
140
18
2.0
kHz
4. The formulas given are for typical characteristics only at 25
_C.
5. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Podobny numer części - MC14016B_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14016BCL MOTOROLA-MC14016BCL Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
MC14016BCP MOTOROLA-MC14016BCP Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14016BCP ONSEMI-MC14016BCP Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016BCP ONSEMI-MC14016BCP Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14016BCPG ONSEMI-MC14016BCPG Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
More results

Podobny opis - MC14016B_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com