Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2PS12017E44G35911 Arkusz danych(PDF) 2 Page - Infineon Technologies AG

Numer części 2PS12017E44G35911
Szczegółowy opis  Stacks for various inverter application.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2PS12017E44G35911 Arkusz danych(HTML) 2 Page - Infineon Technologies AG

  2PS12017E44G35911 Datasheet HTML 1Page - Infineon Technologies AG 2PS12017E44G35911 Datasheet HTML 2Page - Infineon Technologies AG 2PS12017E44G35911 Datasheet HTML 3Page - Infineon Technologies AG 2PS12017E44G35911 Datasheet HTML 4Page - Infineon Technologies AG 2PS12017E44G35911 Datasheet HTML 5Page - Infineon Technologies AG 2PS12017E44G35911 Datasheet HTML 6Page - Infineon Technologies AG 2PS12017E44G35911 Datasheet HTML 7Page - Infineon Technologies AG 2PS12017E44G35911 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
TechnicalInformation
2PS12017E44G35911
PrimeSTACK™
preparedby:OW
approvedby:YZ
dateofpublication:2016-02-09
revision:2.0
Preliminarydata
Notes
Overvoltage shutdown must be realized by the customer.
Electricaldata

DCLink
min
typ
max
units
Voltage
VDC
1100
1200
V
Unit2AC
min
typ
max
units
Voltage
depending on controller
VUnit2
690
VRMS
Continuous current
VUnit2 = 690VRMS, VDC = 1100V, Tinlet = 40°C,
TJ
≤ 125°C, fUnit2 = 50Hz, fsw2 = 2000Hz,
cos(phi) = 0,85
IUnit2
574
ARMS
Continuous current overload
cap.
Tinlet = 40°C, for overload capability 150% for 60s
418
ARMS
Short time current
Tinlet = 40°C, 10s, every 180s, initial load = 510ARMS
IUnit2
638
ARMS
DC current
no rotating field, Tinlet = 40°C
IUnit2 DC
280,0
Aav
within 15µs
2500
Apeak
Overcurrent shutdown
Switching frequency
fsw2
7000
Hz
Power losses
VUnit2 = 690V, VDC = 1100V, Tinlet = 40°C,
TJ
≤ 125°C, fUnit2 = 50Hz, fsw2 = 2000Hz,
cos(phi) = 0,85, IUnit2 = 574ARMS
Ploss2
2160
W
Power factor
cos(phi)Unit2
-1,00
1,00
Generaldata
min
typ
max
units
Power losses
(PCB)
Ploss aux
40
W
VBurst

2

kV
power
VBurst

1

kV
control
VSurge

1

kV
aux (24V)
EMC test
according to IEC61800-3 at named
interfaces
Insulation management is
designed for
VLine
690
VRMS
Insulation test voltage
according to EN50178, f = 50Hz, t = 60s
Visol

2,5
 kVRMS
Controllerinterfacedata
min
typ
max
units
Auxiliary voltage
Vaux
13
24
30
Vav
Auxiliary power requirement
Vaux = 24Vav
Paux

40

W
Driver and interface board
see separate technical information

DR240

Driver core

EiceDRIVER
2ED300C17-S

Digital input level
resistor to GND 10,0k
Ω, capacitor to GND 1nF
Vin
0,0
15,0
V
Digital output level
open collector, low = ok, max 15mA
Vout
0,0
30,0
V
3,10
3,16
3,22
Analog current outputs Unit 2
load max 1mA; at 574A
Vana out
V
Analog temperature output
load max 1mA; at TNTC = 76°C correspond to Tj = 125°C
VT out
8,69
8,87
9,05
V
Overtemperature shutdown
at TNTC = 81°C correspond to Tj = 136°C
VT out OT
10
V


Podobny numer części - 2PS12017E44G35911

ProducentNumer częściArkusz danychSzczegółowy opis
logo
eupec GmbH
2PS1200R12KE3-3G EUPEC-2PS1200R12KE3-3G Datasheet
542Kb / 8P
   1x 569A AC at 400V AC, forced air (fan not implemented)
2PS1200R12KS4-4G EUPEC-2PS1200R12KS4-4G Datasheet
532Kb / 8P
   1x 610A AC at 400V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
2PS1200R17KE3-4G INFINEON-2PS1200R17KE3-4G Datasheet
553Kb / 10P
   1x 571A AC at 690V AC, forced air (fan not implemented)
2008-05-20 revision:2.1
2PS1200R17KE3-4GH INFINEON-2PS1200R17KE3-4GH Datasheet
552Kb / 10P
   1x 629A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.2
More results

Podobny opis - 2PS12017E44G35911

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
SG2500GXH24 TOSHIBA-SG2500GXH24 Datasheet
211Kb / 4P
   INVERTER APPLICATION
logo
Vincotech
V23990-P545-X3X-D3-19 VINCOTECH-V23990-P545-X3X-D3-19 Datasheet
57Kb / 3P
   Output Inverter Application
V23990-P546-X3X-D3-19 VINCOTECH-V23990-P546-X3X-D3-19 Datasheet
58Kb / 3P
   Output Inverter Application
V23990-P585-X2X-D2-19 VINCOTECH-V23990-P585-X2X-D2-19 Datasheet
60Kb / 3P
   Output Inverter Application
V23990-P586-X2X-D2-19 VINCOTECH-V23990-P586-X2X-D2-19 Datasheet
59Kb / 3P
   Output Inverter Application
V23990-P541-X3X-D3-19 VINCOTECH-V23990-P541-X3X-D3-19 Datasheet
63Kb / 3P
   Output Inverter Application
V23990-K200-A-P1-19 VINCOTECH-V23990-K200-A-P1-19 Datasheet
55Kb / 3P
   Output inverter application
V23990-K420-A40-P1-19 VINCOTECH-V23990-K420-A40-P1-19 Datasheet
76Kb / 3P
   Output Inverter Application
V23990-P630-A40-P1-19 VINCOTECH-V23990-P630-A40-P1-19 Datasheet
74Kb / 3P
   Output Inverter Application
V23990-P768-A-P1-19 VINCOTECH-V23990-P768-A-P1-19 Datasheet
63Kb / 3P
   Output Inverter Application
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com